Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M51L Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M51L
Description  Communications Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M51L Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M51L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M51L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Electrical Specifications (DC)
Over recommended operating TA = -40°C to 105°C, supply voltage (2.25V ≤ VCC ≤ 24V) and unless otherwise specified.
All typicals are at TA = 25°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Current Transfer
Ratio
CTR[1]
80
140
200
%
TA = 25°C
VO=0.4V
VCC= 2.5V or 3.3V
or 5V, IF=3mA
2a, 2b, 3
60
%
VO=0.5V
Logic Low
Output Voltage
VOL
0.2
0.4
V
TA = 25°C
IO=3mA
VCC= 2.5V or 3.3V
or 5V, IF=3mA
0.2
0.5
V
IO=1.6mA
Logic High
Output Current
IOH
0.003
0.5
µA
TA = 25°C
VO=VCC=5.5V
IF=0mA
4, 5
0.01
1
VO=VCC=24V
80
VO=VCC=24V
Logic Low
Supply Current
per Channel
ICCL
36
100
µA
IF=3mA,
VO=open,
VCC=24V
Logic High
Supply Current
per Channel
ICCH
0.02
2
µA
IF=0mA,
VO=open,
VCC=24V
Input Forward
Voltage
VF
1.5
1.8
V
TA=25°C
IF=3mA
1
1.5
1.95
V
IF=3mA
Input Reversed
Breakdown Voltage
BVR
5
V
IR=10µA
Temperature
Coefficient of
Forward Voltage
∆VF/
∆TA
-1.6
mV/°C
IF=3mA
Input Capacitance
CIN
77
pF
F = 1MHz,
VF = 0


Similar Part No. - ACPL-M51L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M50L-000E AVAGO-ACPL-M50L-000E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-060E AVAGO-ACPL-M50L-060E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-500E AVAGO-ACPL-M50L-500E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
More results

Similar Description - ACPL-M51L

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
   CANBus Communications Interface
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
   isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
List of Unclassifed Man...
R65C51 ETC-R65C51 Datasheet
1Mb / 19P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71U AVAGO-ACPL-M71U Datasheet
103Kb / 11P
   Industrial CANBus communications interface
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
   Asynchronous Communications Interface Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com