Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD15C Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD15C
Description  Single Line TVS Diode for ESD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD15C Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  SD15C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD15C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD15C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SD15C Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SD15C Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Production specification
Single Line TVS Diode for ESD
SD05C-24C
B027
www.gmicroelec.com
Rev.A
5
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
SOD-323
Dim
Min
Max
A
1.60
1.80
B
1.20
1.40
C
0.9 Max
D
0.30 Typical
E
0.22
0.42
H
0.02
0.1
J
0.1 Typical
K
2.55
2.75
All Dimensions in mm
Device
Package
Shipping
SD05C-SD24C
SOD-323
3000/Tape&Reel
1.60
0.63
0.83
2.85
D
A
K
C
B
H
J
E


Similar Part No. - SD15C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD15C SEMTECH-SD15C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Leiditech Elec...
SD15C LEIDITECH-SD15C Datasheet
132Kb / 3P
   Set-top box and digital TV
logo
Thinki Semiconductor Co...
SD15C THINKISEMI-SD15C Datasheet
903Kb / 5P
   350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD15C SKTECHNOLGY-SD15C Datasheet
709Kb / 3P
   Bidirectional TVS Diodes
logo
Goodwork Semiconductor ...
SD15C GWSEMI-SD15C Datasheet
1Mb / 2P
   Unidirectional TVS Diodes
More results

Similar Description - SD15C

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG05HSUSC KEC-PG05HSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
NJ1211L DGNJDZ-NJ1211L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG48FSUSC KEC-PG48FSUSC Datasheet
126Kb / 3P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
SD03MC DGNJDZ-SD03MC Datasheet
909Kb / 5P
   Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ2411L DGNJDZ-NJ2411L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com