Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB731XN Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RB731XN
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RB731XN Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RB731XN Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RB731XN Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RB731XN Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Schottky Barrier Diodes
RB731XN
G021
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
40
-
V
Average reverse current
IR
VR=10V
1
μA
Forward voltage
VF
IF=1mA
-
0.37
V
Total Capacitance
CT
VR=1.0V,f=1.0MHz
-
2
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - RB731XN

ManufacturerPart #DatasheetDescription
logo
Rohm
RB731XN ROHM-RB731XN Datasheet
185Kb / 4P
   Schottky barrier diode
logo
Shenzhen Luguang Electr...
RB731XN LUGUANG-RB731XN Datasheet
359Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Jiangsu Changjiang Elec...
RB731XN JIANGSU-RB731XN Datasheet
4Mb / 4P
   SCHOTTKY BARRIER DIODE
logo
Rohm
RB731XN ROHM-RB731XN Datasheet
1Mb / 8P
   Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
RB731XN BILIN-RB731XN Datasheet
233Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - RB731XN

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com