Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB717F Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # RB717F
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RB717F Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  RB717F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RB717F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RB717F Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Schottky Barrier Diode
RB717F
F071
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
RB717F
SOT-323
3000/Tape&Reel
SOT-323
Dim
Min
Max
A
2.00
2.20
B
1.15
1.35
C
0.95 Typical
D
0.30 Typical
E
0.25
0.40
G
1.2
1.4
H
0.02
0.10
J
0.10 Typical
K
2.20
2.40
All Dimensions in mm
1.90
0.65
0.65
0.90
0.70
A
D
J
G
C


Similar Part No. - RB717F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB717F ROHM-RB717F Datasheet
199Kb / 4P
   Schottky barrier diode
logo
Galaxy Semi-Conductor H...
RB717F BILIN-RB717F Datasheet
287Kb / 3P
   Schottky Barrier Diode
logo
TRANSYS Electronics Lim...
RB717F TEL-RB717F Datasheet
64Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
RB717F SKTECHNOLGY-RB717F Datasheet
248Kb / 1P
   30 mA Schottky Barrier Diode 40 Volts
logo
Guangdong Kexin Industr...
RB717F KEXIN-RB717F Datasheet
42Kb / 1P
   Schottky barrier diode
More results

Similar Description - RB717F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com