Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1300G Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # K1300G
Description  SIDAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

K1300G Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  K1300G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited K1300G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited K1300G Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited K1300G Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited K1300G Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 029000
1
General Description
IT(RMS) VDRM
IDRM
VTM
ITSM
RS
dv/dt
di/dt
(7) (8)
(5)
(9)
MAX
MIN
MIN
MAX
MAX
MAX
Max
60Hz 50Hz MIN
MIN
TYP
K1050G
1
±90
95
113
5
150
1.5
20
16.7
0.1
1500
150
K1100G
1
±90
104
118
5
150
1.5
20
16.7
0.1
1500
150
K1200G
1
±90
110
125
5
150
1.5
20
16.7
0.1
1500
150
K1300G
1
±90
120
138
5
150
1.5
20
16.7
0.1
1500
150
K1400G
1
±90
130
146
5
150
1.5
20
16.7
0.1
1500
150
K1500G
1
±90
140
170
5
150
1.5
20
16.7
0.1
1500
150
K2000G
1
±180
190
215
5
150
1.5
20
16.7
0.1
1500
150
K2200G
1
±180
205
230
5
150
1.5
20
16.7
0.1
1500
150
K2400G
1
±190
220
250
5
150
1.5
20
16.7
0.1
1500
150
K2500G
1
±200
240
280
5
150
1.5
20
16.7
0.1
1500
150
K2501G
1(10)
±200
240
280
5
150
6
20
16.7
0.1
1500
150
60
Type
60
SIDAC
VBO: 95 - 280 Volts
60
available for custom design applications. Please
75
60
GALAXY ELECTRICAL
holding current of the device.
◇ Switching voltages in the range of 95 V to 330 V.
◇ Sidacs feature glass-passivated junctions that ensure
DO - 15
KG --- SERIES
60
IBO
mA
TYP
60
µA
10
MAX
10
10
A
V
V
µA
kΩ V/µSec A/µSec
◇ A sidac is a silicon bilateral voltage triggered switch,
with greater power-handling capabilities than
standard diacs. Upon application of a voltage
exceeding the Sidac breakover voltage point, the Sidac
switches on, through a negative resistance region, to a
a low on-state voltage. Conduction will continue until
the current is interrupted or drops below the minimum
consult the factory for more information.
IH
(3) (4)
long term reliability and stable characteristics by
creating a rugged, reliable barrier against junction
contamination.
◇ Variations of devices covered in this data sheet are
VBO
(1)
10
10
60
60
60
60
60
10
10
10
10
VA
10
1.
Dimensions in millimeters


Similar Part No. - K1300G

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1300G TECCOR-K1300G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1300G TECCOR-K1300G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1300G LITTELFUSE-K1300G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Changzhou Shunye Electr...
K1300G SY-K1300G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
UN Semiconducctor INC
K1300G UNSEMI-K1300G Datasheet
3Mb / 5P
   Sidac
Revision March 1,2022
More results

Similar Description - K1300G

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com