Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5464RA1KFBG Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5464RA1KFBG
Description  QUAD-PORT 10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5464RA1KFBG Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5464RA1KFBG Datasheet HTML 1Page - Broadcom Corporation. BCM5464RA1KFBG Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5464R
®
QUAD-PORT 10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5464R System Diagram
Four fully-integrated 10BASE-T/100BASE-TX/1000BASE-T
Gigabit Ethernet transceivers
RGMII, SGMII, and SerDes MAC interface options
1-Gbps line-side SerDes with RGMII MAC interface
Fully compliant with IEEE 802.3, 802.3u, and 802.3ab standards
0.13-micron CMOS—low power and cost
Supports copper or fiber in RGMII mode
Low power
-
750 mW per port
-
Advanced power management
Trace matched output impedance
Line-side loopback
Low EMI emissions
Cable plant diagnostic
-
Cable plant analyzer function detects cable plant impairments
-
Link quality indication LED
-
Automatic detection and correction of wiring pair swaps, pair
skew, and pair polarity
-
Automatic MDI/MDIX crossover at all speeds
Robust cable-sourced electrostatic discharge (CESD) tolerance
Support for jumbo packets up to 10 KB
IEEE 1149.1 (JTAG) boundary scan
Package: 256-pin BGA
Low-power, quad-port integration enables single-row, high port
density switches.
-
Lowers system costs by eliminating PCB layers required for
routing high density solutions.
-
Reduced I/O pin requirements with RGMII (over 50%),
SGMII (over 75%), and SerDes (over 80%).
-
Clock timing can be adjusted to eliminate board trace delays
required by the RGMII specification.
-
Lowers MAC/switch costs by reducing the number of pins
required to interface to the PHY.
Provides compatibility with IEEE standard devices operating at
10, 100, and 1000 Mbps at at half-duplex and full-duplex.
Requires no airflow or heatsink.
Lowers system BOM cost and simplifies system design.
Eases system-level debug.
Enables use of low-cost magnetics, even in high-density (48+)
designs.
Cable diagnostic function characterizes cable plant condition and
immediately indicates cabling issues.
-
Prevents erroneous equipment return due to bad cable plants.
-
Prevents manufacturing fall-out due to bad cable plants.
Over 4 kV of CESD tolerance prevents equipment damage and
return.
Operates with larger packets for wider range of packet protocol
support and improved efficiency.
Ease of manufacturing with JTAG support, simplified power
supply, and multiple MAC interfaces.
FE A T UR E S
SU MM AR Y O F B E N E FI TS
10/100/1000
Mbps
Ethernet
Switch
BCM5464R
10/100/1000BASE-T
Gigabit Ethernet
Transceiver
BCM5464R
10/100/1000BASE-T
Gigabit Ethernet
Transceiver
BCM5464R
10/100/1000BASE-T
Gigabit Ethernet
Transceiver
BCM5464R
10/100/1000BASE-T
Gigabit Ethernet
Transceiver
2x8
RJ-45s
with
Integrated
Magnetics


Similar Part No. - BCM5464RA1KFBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5464R BOARDCOM-BCM5464R Datasheet
115Kb / 2P
   12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
BCM5464R BOARDCOM-BCM5464R Datasheet
192Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5464R BOARDCOM-BCM5464R Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
BCM5464R BOARDCOM-BCM5464R Datasheet
229Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIGPORTS
BCM5464R BOARDCOM-BCM5464R Datasheet
222Kb / 2P
   24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/HiGig PORTS
More results

Similar Description - BCM5464RA1KFBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A2KQMG BOARDCOM-BCM5481A2KQMG Datasheet
123Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461SA2KQMG BOARDCOM-BCM5461SA2KQMG Datasheet
211Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461A1KPF BOARDCOM-BCM5461A1KPF Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461SA1KPF BOARDCOM-BCM5461SA1KPF Datasheet
211Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461S BOARDCOM-BCM5461S_06 Datasheet
211Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A2KFBG BOARDCOM-BCM5481A2KFBG Datasheet
123Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5481A1KMLG BOARDCOM-BCM5481A1KMLG Datasheet
123Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM54610 BOARDCOM-BCM54610 Datasheet
186Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
01/16/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com