Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9514D Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # PCA9514D
Description  Hot swappable IC and SMBus bus buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCA9514D Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button PCA9514D Datasheet HTML 2Page - Integrated Circuit Systems PCA9514D Datasheet HTML 3Page - Integrated Circuit Systems PCA9514D Datasheet HTML 4Page - Integrated Circuit Systems PCA9514D Datasheet HTML 5Page - Integrated Circuit Systems PCA9514D Datasheet HTML 6Page - Integrated Circuit Systems PCA9514D Datasheet HTML 7Page - Integrated Circuit Systems PCA9514D Datasheet HTML 8Page - Integrated Circuit Systems PCA9514D Datasheet HTML 9Page - Integrated Circuit Systems PCA9514D Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9513; PCA9514
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
6
OPERATION
Start-up
An under voltage/initialization circuit holds the parts in a
disconnected state which presents high-impedance to all SDA and
SCL pins during power-up. A LOW on the enable pin also forces the
parts into the low current disconnected state when the ICC is
essentially zero. As the power supply is brought up and the enable
is HIGH or the part is powered and the enable is taken from LOW to
HIGH it enters an initialization state where the internal references
are stabilized. The 92
µA input pull-ups on PCA9513 are also
enabled in the initialization state. At the end of the initialization state
the “Stop Bit And Bus Idle” detect circuit is enabled. With the
ENABLE pin HIGH long enough to complete the initialization state
and remaining HIGH when all the SDA and SCl pins have been
HIGH for the bus idle time or when all pins are HIGH and a stop
condition is seen on the SDAIN and SCLIN pins, SDAIN is
connected to SDAOUT and SCLIN is connected to SCLOUT.
A 92
µA pull-up current source on SDAIN and SCLIN of PCA9513 is
activated during the initialization state and remain active until the
power is removed or the enable is taken LOW. When the 92
µA
pull-up is active it will become high-impedance any time the pin
voltage is greater than VCC, otherwise it provides current to pull the
pin up to VCC.
Connect Circuitry
Once the connection circuitry is activated, the behavior of SDAIN
and SDAOUT as well as SCLIN and SCLOUT become identical with
each acting as a bidirectional buffer that isolates the input
capacitance from the output bus capacitance while communicating
the logic levels. A LOW forced on either SDAIN or SDAOUT will
cause the other pin to be driven to a LOW by the part. The same is
also true for the SCL pins. Noise between 0.7VCC and VCC is
generally ignored because a falling edge is only recognized when it
falls below 0.7VCC with a slew rate of at least 1.25 V/µs. When a
falling edge is seen on one pin the other pin in the pair turns on a
pull down driver that is referenced to a small voltage above the
falling pin. The driver will pull the pin down at a slew rate determined
by the driver and the load initially, because it does not start until the
first falling pin is below 0.7VCC. The first falling pin may have a fast
or slow slew rate, if it is faster than the pull down slew rate then the
initial pull down rate will continue. If the first falling pin has a slow
slew rate then the second pin will be pulled down at its initial slew
rate only until it is just above the first pin voltage the they will both
continue down at the slew rate of the first.
Once both sides are LOW they will remain LOW until all the external
drivers have stopped driving LOWs. If both sides are being driven
LOW to the same value for instance, 10 mV by external drivers,
which is the case for clock stretching and is typically the case for
acknowledge, and one side external driver stops driving that pin will
rise and rise above the nominal offset voltage until the internal driver
catches up and pulls it back down to the offset voltage. This bounce
is worst for low capacitances and low resistances, and may become
excessive. When the last external driver stops driving a LOW, that
pin will bounce up and settle out just above the other pin as both rise
together with a slew rate determined by the internal slew rate control
and the RC time constant. As long as the slew rate is at least
1.25 V/
µs, when the pin voltage exceeds 0.8 V for PCA9513 and
PCA9514, rise time accelerators circuits are turned on and the pull
down driver is turned off.
Maximum number of devices in series
Each buffer adds about 0.065 V dynamic level offset at 25
°C with
the offset larger at higher temperatures. Maximum offset (VOS) is
0.150 V. The LOW level at the signal origination end (master) is
dependent upon the load and the only specification point is the
I2C-bus specification of 3 mA will produce VOL < 0.4 V, although if
lightly loaded the VOL may be ∼0.1 V. Assuming VOL = 0.1 V and
VOS = 0.1 V, the level after four buffers would be 0.5 V, which is only
about 0.1 V below the threshold of the rising edge accelerator (about
0.6 V). With great care a system with four buffers may work, but as
the VOL moves up from 0.1 V, noise or bounces on the line will result
in firing the rising edge accelerator thus introducing false clock
edges. Generally it is recommended to limit the number of buffers in
series to two.
The PCA9510 (rise time accelerator is permanently disabled) and
the PCA9512 (rise time accelerator can be turned off) are a little
different with the rise time accelerator turned off because the rise
time accelerator will not pull the node up, but the same logic that
turns on the accelerator turns the pull-down off. If the VIL is above
∼0.6 V and a rising edge is detected, the pull-down will turn off and
will not turn back on until a falling edge is detected; so if the noise is
small enough it may be possible to use more than two PCA9510 or
PCA9512 parts in series but is not recommended.
MASTER
buffer A
SLAVE B
buffer B
SLAVE C
buffer C
SW02353
common
node
Figure 6.
Consider a system with three buffers connected to a common node
and communication between the Master and Slave B that are
connected at either end of Buffer A and Buffer B in series as shown
in Figure 6. Consider if the VOL at the input of Buffer A is 0.3 V and
the VOL of Slave B (when acknowledging) is 0.4 V with the direction
changing from Master to Slave B and then from Slave B to Master.
Before the direction change you would observe VIL at the input of
Buffer A of 0.3 V and its output, the common node, is
∼0.4 V. The
output of Buffer B and Buffer C would be
∼0.5 V, but Slave B is
driving 0.4 V, so the voltage at Slave B is 0.4 V. The output of
Buffer C is
∼0.5 V. When the Master pull-down turns off, the input of
Buffer A rises and so does its output, the common node, because it
is the only part driving the node. The common node will rise to 0.5 V
before Buffer B’s output turns on, if the pull-up is strong the node will
bounce. If the bounce goes above the threshold for the rising edge
accelerator
∼0.6 V the accelerators on both Buffer A and Buffer C
will fire contending with the output of Buffer B. The node on the input
of Buffer A will go HIGH as will the input node of Buffer C. After the
common node voltage is stable for a while the rising edge
accelerators will turn off and the common node will return to
∼0.5 V
because the Buffer B is still on. The voltage at both the Master and
Slave C nodes would then fall to
∼0.6 V until Slave B turned off. This
would not cause a failure on the data line as long as the return to
0.5 V on the common node (
∼0.6 V at the Master and Slave C)
occurred before the data setup time. If this were the SCL line, the
parts on Buffer A and Buffer C would see a false clock rather than a
stretched clock, which would cause a system error.


Similar Part No. - PCA9514D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9514A NXP-PCA9514A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9514A NXP-PCA9514A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9514AD PHILIPS-PCA9514AD Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9514AD NXP-PCA9514AD Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
More results

Similar Description - PCA9514D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com