Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4039EBL-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4039EBL-T
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4039EBL-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4039EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4039EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
_______________________________________________________________________________________
5
MAX4036
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.0
2.6
2.2
1.8
0.4
0.8
1.2
1.6
0
1.4
3.4
TA = +85
°C
TA = -40
°C
TA = +25
°C
MAX4037
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
0.5
1.0
1.5
2.0
2.5
3.0
0
1.8
3.6
TA = +85
°C
TA = -40
°C
TA = +25
°C
MAX4038
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.0
2.6
2.2
1.8
0.5
1.5
1.0
2.0
2.5
3.0
0
1.4
3.4
TA = +85
°C
TA = -40
°C
TA = +25
°C
MAX4039
SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1
2
4
3
5
0
1.8
3.6
TA = +85
°C
TA = -40
°C
TA = +25
°C
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
2
1
0.2
0.4
0.6
0.8
1.0
0
03
VDD = 1.4V
VDD = 1.8V
VDD = 3.0V
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.20
-0.10
0
0.10
0.20
0.30
-0.30
-40
85
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0
10
20
30
40
-10
-40
85
VCM = 3V
VCM = 0V
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
10
20
30
40
0
0
3.0
TA = +25
°C
TA = +85
°C
-10
-100
10
10k
1k
100
OP AMP POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
AV = 1V/V
Typical Operating Characteristics
(VDD = 3V, VSS = VCM = 0V, RL to VDD/2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4039EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4039EBL-T MAXIM-MAX4039EBL-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
More results

Similar Description - MAX4039EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com