Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX5732 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5732
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX5733 (0 to +10V Output Voltage Range) (continued)
(AVCC = +10.5V to +11V, AVDD = 5V ±5%, DVDD = +2.7V to AVDD, VSS = AGND = DGND = REFGND = GS = 0, VREF = +3.0V,
RL =
∞, CL = 50pF referenced to ground, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (
CS, SCLK, DIN, LDAC, CLR, DSP)
DVDD = +2.7V to +3.6V
0.7
×
DVDD
Input-Voltage High
VIH
DVDD = +4.75V to +5.25V
2.4
V
Input-Voltage Low
VIL
0.8
V
Input Capacitance
CIN
10
pF
Input Current
IIN
Digital inputs = 0 or DVDD
±1
µA
POWER REQUIREMENTS (AVCC, VSS, AGND, AVDD, DVDD, DGND)
Output-Amplifier Positive Supply
Voltage
AVCC
10
11
V
Output-Amplifier Negative Supply
Voltage
VSS
-0.5
0
V
Output-Amplifier Supply Voltage
Difference
AVCC - VSS
11
V
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
VOUT0 through VOUT31 = 0
10
15
mA
Analog Supply Current
AIDD
Software shutdown
10
µA
VIH = DVDD, VIL = 0, fSCLK = 20MHz
2.5
3.5
Digital Supply Current
DIDD
VIH = +2.4V, VIL = +0.8V, fSCLK = 20MHz
5
6.5
mA
VOUT0 through VOUT31 = 0
4
10
mA
Output-Amplifier Positive Supply
Current
AICC
Software shutdown
20
µA
VOUT0 through VOUT31 = 0
-4
-10
mA
Output-Amplifier Negative Supply
Current
ISS
VSS = -0.5V
Software shutdown
-20
µA
Power-Supply Rejection Ratio
PSRR
-95
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX535Low-Power 13-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5352Low-Power 12-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX536Calibrated Quad 12-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX512Low-Cost Triple 8-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5150Low-Power Dual 13-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5154Low-Power Dual 12-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5158Low-Power Dual 10-Bit Voltage-Output DACs with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX565016-Bit Parallel-Input Voltage-Output DACs with Internal Reference 1 2 3 4 5 MoreMaxim Integrated Products
AD54268-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface 1 2 3 4 5 MoreAnalog Devices
MAX572110-Bit Low-Power Dual Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl