Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148W Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4148W
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4148W Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  1N4148W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4148W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4148W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Surface Mount Switching Diode
1N4148W
A001
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOD-123
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
Device
Package
Shipping
1N4148W
SOD-123
3000/Tape&Reel
SOD-123
Dim
Min
Max
A
1.45
1.75
B
2.55
2.85
C
1.15 Typical
D
0.55 Typical
E
0.25
0.45
H
0.02
0.10
J
0.1 Typical
K
3.55
3.85
All Dimensions in mm
B
A
C
D
E
H
J
K
2.36
4.19
0.91
1.22


Similar Part No. - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Texas Instruments
1N4148W TI1-1N4148W Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
TAITRON Components Inco...
1N4148W TAITRON-1N4148W Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Similar Description - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com