Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4336EXT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4336EXT-T
Description  SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4336EXT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4336EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 9Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 10Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 11Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 12Page - Maxim Integrated Products MAX4336EXT-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O
Op Amps with Shutdown/Mute
_______________________________________________________________________________________
9
Pin Description
PIN
MAX4337
MAX4335
MAX4336
SOT23
µMAX
MAX4338
NAME
FUNCTION
1
1
3, 5
3, 5
3, 7
IN1
+
, IN2
+
Noninverting Input
2
2
4
4
4
GND
Ground
3
3
2, 6
2, 6
2, 8
IN2
-
, IN2
-
Inverting Input
4
4
1, 7
1, 7
1, 9
OUT1, OUT2
Output(s)
5
——
N.C.
No Connection. Not internally connected.
5
——
5, 6
SHDN1, SHDN2
Drive SHDN low for shutdown. Drive SHDN
high or connect to VCC for normal operation.
6
6
8
8
10
VCC
Positive Supply
Typical Application Circuit
MUTE
R INPUT
VREF
L INPUT
MAX4338


Similar Part No. - MAX4336EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4336EXT+T MAXIM-MAX4336EXT+T Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
More results

Similar Description - MAX4336EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com