Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD6050LT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD6050LT3G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD6050LT3G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD6050LT3G Datasheet HTML 1Page - ON Semiconductor MMBD6050LT3G Datasheet HTML 2Page - ON Semiconductor MMBD6050LT3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 7
1
Publication Order Number:
MMBD6050LT1/D
MMBD6050LT1G
Switching Diode
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Rating
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 mAdc)
VR
70
Vdc
Reverse Voltage Leakage Current
(VR = 50 Vdc)
IR
0.1
mAdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 100 mAdc)
VF
0.55
0.85
0.7
1.1
Vdc
Reverse Recovery Time (Figure 1)
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc)
tRR
4.0
ns
Capacitance
(VR = 0 V)
CD
2.5
pF
Product parametric performance is indicated in the Electrical Characteristics for
the listed test conditions, unless otherwise noted. Product performance may not
be indicated by the Electrical Characteristics if operated under different
conditions.
www.onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 8
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBD6050LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
1
2
3
MMBD6050LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
5A M G
G
5A = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
3
CATHODE
1
ANODE


Similar Part No. - MMBD6050LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD6050LT3G ONSEMI-MMBD6050LT3G Datasheet
122Kb / 3P
   Switching Diode
August, 2009 ??Rev. 5
More results

Similar Description - MMBD6050LT3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com