Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD250B336M55A0T00 Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # KTD250B336M55A0T00
Description  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KTD250B336M55A0T00 Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  KTD250B336M55A0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KTD250B336M55A0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KTD250B336M55A0T00 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
STANDARD RATINGS
Rated voltage
(Vdc)
Part Number
KTD250B335M32A0T00
KTD250B475M32A0T00
KTD250B685M43A0T00
KTD250B106M43A0T00
KTD250B156M43A0T00
KTD250B156M55A0T00
KTD250B226M55A0T00
KTD250B336M55A0T00
KTD250B476M76A0T00
KTD250B686M80A0B00
KTD250B107M80A0B00
KTD250B157M90A0B00
KTD250B227M90A0B00
KTD250B337M99A0B00
KTD250B477M99A0B00
KTD500B105M32A0T00
KTD500B155M32A0T00
KTD500B225M32A0T00
KTD500B335M32A0T00
KTD500B475M43A0T00
KTD500B685M43A0T00
KTD500B106M55A0T00
KTD500B156M55A0T00
KTD500B226M76A0T00
KTD500B336M80A0B00
KTD500B476M90A0B00
KTD500B686M90A0B00
KTD500B107M90A0B00
KTD500B157M99A0B00
KTD500B227M99A0B00
KTD101B334M32A0T00
KTD101B474M32A0T00
KTD101B684M32A0T00
KTD101B105M32A0T00
KTD101B155M32A0T00
KTD101B225M32A0T00
KTD101B155M43A0T00
KTD101B225M43A0T00
KTD101B335M43A0T00
KTD101B475M43A0T00
KTD101B335M55A0T00
KTD101B475M55A0T00
KTD101B685M55A0T00
KTD101B685M76A0T00
KTD101B106M80A0B00
KTD101B156M80A0B00
KTD101B226M90A0B00
KTD101B336M90A0B00
KTD101B476M99A0B00
KTD101B686M99A0B00
KTD101B107M99A0B00
KTD251B104M32A0T00
KTD251B154M32A0T00
KTD251B224M32A0T00
KTD251B334M32A0T00
KTD251B474M43A0T00
KTD251B684M43A0T00
KTD251B105M55A0T00
KTD251B155M55A0T00
KTD251B225M76A0T00
KTD251B225M80A0B00
KTD251B335M90A0B00
KTD251B475M90A0B00
KTD251B685M99A0B00
KTD251B106M99A0B00
KTD251B156M99A0B00
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
25
50
100
250
Maximum
ripple current
(Arms)
Taping
Quantity per reel
(pcs. / box)
0.3
0.8
1.0
0.3
0.8
1.0
0.3
0.8
1.0
0.3
0.8
1.0
Rated Capacitance
(µF)
3.3
4.7
6.8
10
15
15
22
33
47
68
100
150
220
330
470
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
0.33
0.47
0.68
1.0
1.5
2.2
1.5
2.2
3.3
4.7
3.3
4.7
6.8
6.8
10
15
22
33
47
68
100
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
2.2
3.3
4.7
6.8
10
15
Dimensions (mm)
Lmax.
5.0
6.5
7.5
5.0
6.5
7.5
5.0
6.5
7.5
5.0
6.5
7.5
Wmax.
6.0
6.5
9.0
6.0
6.5
9.0
6.0
6.5
9.0
6.0
6.5
9.0
Tmax.
3.5
4.0
4.5
3.5
4.0
4.5
3.5
4.0
4.5
4.7
3.5
4.0
4.5
F±0.8
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
φ
d±0.05
0.5
0.5
0.5
1.5
10.0
11.5
5.5
5.0
0.5
6.0
2.0
13.5
15.0
22.5
20.0
28.5
20.0
8.0
6.0
8.0
8.0
11.5
10.0
0.6
3.0
20.0
0.8
4.0
25.0
0.8
1.5
10.0
11.5
5.0
5.0
0.5
2.0
13.5
15.0
22.5
20.0
28.5
20.0
5.5
10.0
0.6
6.0
3.0
20.0
0.8
7.0
4.0
7.5
25.0
0.8
10.0
1.5
10.0
11.5
5.0
5.0
0.5
2.0
13.5
15.0
22.5
20.0
28.5
20.0
5.0
10.0
0.6
3.0
20.0
0.8
4.0
25.0
0.8
6.0
6.0
7.5
9.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
2.0
13.5
15.0
5.0
10.0
0.6
3.0
22.5
20.0
6.0
20.0
0.8
4.0
28.5
20.0
7.5
25.0
0.8
1.5
10.0
11.5
6.0
5.0
0.5
NTD
Series
Please consult with us when you consider the rating other than a standard table.
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
25
CAT. No. E1002V


Similar Part No. - KTD250B336M55A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD250B336M55A0T00 CHEMI-CON-KTD250B336M55A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD250B336M55A0T00 CHEMI-CON-KTD250B336M55A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD250B336M55A0T00 CHEMI-CON-KTD250B336M55A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - KTD250B336M55A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com