Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4751 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4751
Description  0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4751 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4751 Datasheet HTML 1Page - Maxim Integrated Products MAX4751 Datasheet HTML 2Page - Maxim Integrated Products MAX4751 Datasheet HTML 3Page - Maxim Integrated Products MAX4751 Datasheet HTML 4Page - Maxim Integrated Products MAX4751 Datasheet HTML 5Page - Maxim Integrated Products MAX4751 Datasheet HTML 6Page - Maxim Integrated Products MAX4751 Datasheet HTML 7Page - Maxim Integrated Products MAX4751 Datasheet HTML 8Page - Maxim Integrated Products MAX4751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply
(V+ = +1.8V, VIH = +1V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C1.4
2.5
On-Resistance (Note 4)
RON
V+ = 1.8V,
ICOM_ = 10mA,
VNO_ or VNC_ = 0.9V
TMIN to TMAX
3
+25°C
0.05
0.25
On-Resistance Match Between
Channels
(Notes 4, 5)
∆RON
V+ = 1.8V,
ICOM_ = 10mA,
VNO_ or VNC_ = 0.9V
TMIN to TMAX
0.25
SWITCH DYNAMIC CHARACTERISTICS
+25°C25
35
Turn-On Time
tON
VNO_ or VNC_ = 1.0V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
35
ns
+25°C20
25
Turn-Off Time
tOFF
VNO_ or VNC_ = 1.0V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
30
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 2
+25°C8
pC
DIGITAL I/O
Input Logic High
VIH_TMIN to TMAX
1.0
V
Input Logic Low
VIL_TMIN to TMAX
0.4
V
Input Leakage Current
IIN_VIN_ = 0 or V+
TMIN to TMAX
-1
0.0005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
+1.6
+3.6
V
Positive Supply Current
I+
VIN_ = 0 or V+
1
µA
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Parts are tested at +85°C and guaranteed by design and correlation over the full temperature range.
Note 4: RON and
∆RON matching specifications for QFN-packaged parts are guaranteed by design.
Note 5:
∆RON = RON(MAX) - RON(MIN)
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Leakage parameters are 100% tested at the maximum-rated hot operating temperature and guaranteed by correlation at
TA = +25°C.
Note 8: Guaranteed by design, not production tested.
Note 9: Off-Isolation = 20log10[VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.


Similar Part No. - MAX4751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX475 MAXIM-MAX475 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX4750 MAXIM-MAX4750 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4750EBE-T MAXIM-MAX4750EBE-T Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4750EBE-T MAXIM-MAX4750EBE-T Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4750ETE MAXIM-MAX4750ETE Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results

Similar Description - MAX4751

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com