Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA151WKT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # M1MA151WKT1G
Description  Common Cathode Silicon Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA151WKT1G Datasheet(HTML) 3 Page - ON Semiconductor

  M1MA151WKT1G Datasheet HTML 1Page - ON Semiconductor M1MA151WKT1G Datasheet HTML 2Page - ON Semiconductor M1MA151WKT1G Datasheet HTML 3Page - ON Semiconductor M1MA151WKT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M1MA151WK, M1MA152WK
www.onsemi.com
3
Figure 2. Forward Voltage
Figure 3. Reverse Leakage
VF, FORWARD VOLTAGE (V)
100
VR, REVERSE VOLTAGE (V)
1
0.01
0.00001
10
0
10
0.1
20
30
40
50
60
70
0.0001
0.001
TA = −55°C
80
TA = 150°C
TA = 25°C
TA = −55°C
155
°C
25
°C
Figure 4. Diode Capacitance
VR, REVERSE VOLTAGE (V)
6
5
4
3
2
1
0
0.5
0.52
0.54
0.56
0.58
0.6
0.62
0.64
8
7
1000
0.1
100
10
1
0.2
0
0.4
0.6
0.8
1
1.2
1.4


Similar Part No. - M1MA151WKT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WKT1G ONSEMI-M1MA151WKT1G Datasheet
47Kb / 3P
   Common Cathode Silicon Dual Switching Diodes
March, 2006 ??Rev. 8
More results

Similar Description - M1MA151WKT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WKT1 ONSEMI-M1MA151WKT1 Datasheet
47Kb / 3P
   Common Cathode Silicon Dual Switching Diodes
March, 2006 ??Rev. 8
M1MA151WKT1 ONSEMI-M1MA151WKT1_12 Datasheet
97Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
July, 2012 ??Rev. 11
logo
Motorola, Inc
M1MA151WKT1 MOTOROLA-M1MA151WKT1 Datasheet
87Kb / 6P
   Common Cathode Silicon Dual Switching Diodes
logo
AiT Semiconductor Inc.
DAN222 AITSEMI-DAN222 Datasheet
536Kb / 7P
   DUAL SWITCHING DIODES COMMON CATHODE SILICON
REV1.1
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
   Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com