Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APXE6R3ARA152MJA0G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXE6R3ARA152MJA0G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXE6R3ARA152MJA0G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXE6R3ARA152MJA0G Datasheet HTML 1Page - United Chemi-Con, Inc. APXE6R3ARA152MJA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXE
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size
code
Leakage current
(µA max./after 2min.)
ESR
(mΩ max./20℃, 100k to 300kHz)
Rated ripple current
(mArms/105℃, 100kHz)
Part No.
2.5
180
E61
90.0
21
2,670
APXE2R5ARA181ME61G
390
F61
195
15
3,160
APXE2R5ARA391MF61G
470
F80
235
13
3,600
APXE2R5ARA471MF80G
560
F80
280
13
3,600
APXE2R5ARA561MF80G
560
H70
280
13
4,100
APXE2R5ARA561MH70G
680
H70
340
13
4,100
APXE2R5ARA681MH70G
820
H80
410
12
4,260
APXE2R5ARA821MH80G
820
HC0
410
9
5,400
APXE2R5ARA821MHC0G
1,000
H80
500
12
4,260
APXE2R5ARA102MH80G
1,200
J80
600
13
4,450
APXE2R5ARA122MJ80G
1,500
HA0
750
10
5,220
APXE2R5ARA152MHA0G
1,500
HC0
750
9
5,400
APXE2R5ARA152MHC0G
2,200
JA0
1,100
10
5,500
APXE2R5ARA222MJA0G
2,700
JC0
1,350
9
5,600
APXE2R5ARA272MJC0G
4
100
E61
80.0
22
2,610
APXE4R0ARA101ME61G
150
E61
120
22
2,610
APXE4R0ARA151ME61G
270
F61
216
15
3,160
APXE4R0ARA271MF61G
330
F61
264
15
3,160
APXE4R0ARA331MF61G
390
F80
312
14
3,470
APXE4R0ARA391MF80G
470
H70
376
14
3,950
APXE4R0ARA471MH70G
560
H70
448
14
3,950
APXE4R0ARA561MH70G
680
H80
544
13
3,950
APXE4R0ARA681MH80G
1,000
HA0
800
10
5,220
APXE4R0ARA102MHA0G
1,000
J80
800
14
4,300
APXE4R0ARA102MJ80G
1,200
HC0
960
9
5,400
APXE4R0ARA122MHC0G
1,200
JA0
960
10
5,500
APXE4R0ARA122MJA0G
1,500
JA0
1,200
10
5,500
APXE4R0ARA152MJA0G
1,800
JA0
1,440
10
5,500
APXE4R0ARA182MJA0G
1,800
JC0
1,440
9
5,600
APXE4R0ARA182MJC0G
6.3
100
E61
126
24
2,500
APXE6R3ARA101ME61G
120
E61
151
24
2,500
APXE6R3ARA121ME61G
220
F61
277
15
3,160
APXE6R3ARA221MF61G
270
F80
340
14
3,470
APXE6R3ARA271MF80G
330
F80
415
14
3,470
APXE6R3ARA331MF80G
330
H70
415
14
3,950
APXE6R3ARA331MH70G
390
H70
491
14
3,950
APXE6R3ARA391MH70G
470
H80
592
13
3,950
APXE6R3ARA471MH80G
820
HA0
1,030
12
4,770
APXE6R3ARA821MHA0G
820
HC0
1,030
10
5,150
APXE6R3ARA821MHC0G
820
J80
1,030
14
4,300
APXE6R3ARA821MJ80G
1,200
JA0
1,510
12
5,025
APXE6R3ARA122MJA0G
1,500
JA0
1,890
12
5,025
APXE6R3ARA152MJA0G
1,500
JC0
1,890
10
5,500
APXE6R3ARA152MJC0G
10
47
E61
94.0
28
2,310
APXE100ARA470ME61G
56
E61
112
28
2,310
APXE100ARA560ME61G
68
E61
136
28
2,310
APXE100ARA680ME61G
120
F61
240
25
2,530
APXE100ARA121MF61G
150
F80
300
21
2,880
APXE100ARA151MF80G
220
H70
440
21
3,220
APXE100ARA221MH70G
270
H70
540
21
3,220
APXE100ARA271MH70G
330
H80
660
19
3,390
APXE100ARA331MH80G
390
HA0
780
17
4,000
APXE100ARA391MHA0G
470
J80
940
19
3,800
APXE100ARA471MJ80G
680
JA0
1,360
13
4,820
APXE100ARA681MJA0G
16
33
E61
105
35
2,070
APXE160ARA330ME61G
39
E61
124
35
2,070
APXE160ARA390ME61G
68
F61
217
28
2,390
APXE160ARA680MF61G
82
F80
262
24
2,700
APXE160ARA820MF80G
100
F80
320
24
2,700
APXE160ARA101MF80G
100
H70
320
24
3,010
APXE160ARA101MH70G
120
H70
384
24
3,010
APXE160ARA121MH70G
150
H80
480
22
3,150
APXE160ARA151MH80G
180
HA0
576
18
3,890
APXE160ARA181MHA0G
220
HA0
704
18
3,890
APXE160ARA221MHA0G
220
J80
704
22
3,450
APXE160ARA221MJ80G
330
JA0
1,050
16
4,350
APXE160ARA331MJA0G
41
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXE6R3ARA152MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXE6R3ARA152MJA0G CHEMI-CON-APXE6R3ARA152MJA0G Datasheet
79Kb / 2P
   Surface Mount
APXE6R3ARA152MJA0G CHEMI-CON-APXE6R3ARA152MJA0G Datasheet
301Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXE6R3ARA152MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com