Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APXF6R3ARA391MH70G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXF6R3ARA391MH70G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXF6R3ARA391MH70G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXF6R3ARA391MH70G Datasheet HTML 1Page - United Chemi-Con, Inc. APXF6R3ARA391MH70G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXF
Series
・Super low ESR, impedance and high heat resistance have been obtained by using
conductive polymer as electrolyte.
・Rated voltage range : 2 to 10Vdc, Capacitance range : 120 to 1,000µF
・Case size range :φ5×3.9L toφ8×7.7L
・Suitable for DC-DC converters, voltage regulators and decoupling applications used on
computer motherboards etc.
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
・Halogen Free
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-55 to +105
Rated Voltage Range
2 to 10Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Surge Voltage
Rated voltage
×1.15
(at 105
℃)
Leakage Current
Shall not exceed values shown in STANDARD RATINGS.
(at 20
℃ after 2 minutes)
Dissipation Factor
(tanδ)
0.12 max.
(at 20
℃, 120Hz)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Z(-25
℃)/Z(+20℃)≦1.15
Z(-55
℃)/Z(+20℃)≦1.25
(at 100kHz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 15,000 hours
(E40, E46, F45 : 3,000 hours ) at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Bias Humidity
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to the DC rated voltage at
60
℃, 90 to 95% RH for 1,000 hours (E40, E46, F45 : 500 hours ) .
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Surge Voltage
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1k
Ω) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Failure Rate
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
◆DIMENSIONS [mm]
0.3max.
W
A
±0.2
Terminal Code : A
L
±0.3 (Note)
Note : L+0.1/-0.2 for E40, E46 and F45
Size Code
F61
F80
H70
H80
6.3
6.3
8
8
L
5.8
7.7
6.7
7.7
A
6.6
6.6
8.3
8.3
B
6.6
6.6
8.3
8.3
C
7.2
7.2
9.0
9.0
W
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.9
E61
5.8
5.3
5.3
5.9
0.5 to 0.8
1.4
1.9
3.1
3.1
φD
5
F45
4.4
6.6
6.6
7.2
0.5 to 0.8
1.9
6.3
E46
4.5
5.3
5.3
5.9
0.5 to 0.8
1.4
5
E40
3.9
5.3
5.3
5.9
0.5 to 0.8
1.4
5
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Taping code
Terminal code
Voltage code (ex. 2.5V:2R5, 10V:100)
Series code
Category
A P X F
A R A
G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (conductive polymer type)"
Capacitance code (ex. 330
µF:331, 1,000µF:102)
Lower ESR
PXF
PXE P40
◆MARKING
F69A
390
2.5V
EX) 2.5V390
µF
38
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXF6R3ARA391MH70G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APXF6R3ARA391MH70G NPC-APXF6R3ARA391MH70G Datasheet
308Kb / 2P
   Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte
More results

Similar Description - APXF6R3ARA391MH70G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com