Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4335 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4335
Description  SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4335 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4335 Datasheet HTML 1Page - Maxim Integrated Products MAX4335 Datasheet HTML 2Page - Maxim Integrated Products MAX4335 Datasheet HTML 3Page - Maxim Integrated Products MAX4335 Datasheet HTML 4Page - Maxim Integrated Products MAX4335 Datasheet HTML 5Page - Maxim Integrated Products MAX4335 Datasheet HTML 6Page - Maxim Integrated Products MAX4335 Datasheet HTML 7Page - Maxim Integrated Products MAX4335 Datasheet HTML 8Page - Maxim Integrated Products MAX4335 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O
Op Amps with Shutdown/Mute
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V, GND = 0, VCM = 0, VOUT = VCC/2, RL =
∞ to VCC/2, VSHDN = VCC, TA = +25°C, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V, GND = 0, VCM = 0, VOUT = VCC/2, RL =
∞ to VCC/2, VSHDN = VCC, TA = -40°C to +85°C, unless otherwise noted.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC - VOH
270
500
VCC = 2.7V;
ISOURCE,
ISINK = 50mA
VOL
360
500
VCC - VOH
270
500
Output Drive
IOUT
VCC = 5V;
ISOURCE,
ISINK = 50mA
VOL
360
500
mV
Short-Circuit Current
ISC
110
mA
VIH
Normal mode
0.7 x VCC
SHDN Logic Levels
VIL
Shutdown mode
0.3 x VCC
V
SHDN Leakage Current
IIL
VCC = 5V, GND < VSHDN < VCC
0.5
µA
Output Leakage Current in
Shutdown
IOUT(SHDN)
VCC = 5V, VSHDN = 0, VOUT = 0,
VCC
0.01
0.5
µA
Shutdown Supply Current
(Per Amplifier)
ICC(SHDN)
SHDN = GND; VCC = 5V
<0.04
0.5
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
Quiescent Supply Current (Per
Amplifier)
ICC
VCC = 5.5V
2.25
mA
Input Offset Voltage
VOS
VCM = GND to VCC
±6
mV
Input Bias Current
IB
VCM = GND to VCC
±600
nA
Input Offset Current
IOS
VCM = GND to VCC
±60
nA
Input Common-Mode Voltage
Range
VCM
Inferred from CMRR test
GND
VCC
V
Common-Mode Rejection Ratio
CMRR
VCM = GND to VCC
50
dB
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 5.5V
64
dB
VCC = 5V: RL = 100
Ω,
VOUT = 0.6V to 4.4V
66
Large-Signal Voltage Gain
AVOL
VCC = 2.7V: RL = 32
Ω,
VOUT = 0.6V to 2.1V
56
dB


Similar Part No. - MAX4335

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4335EXT+T MAXIM-MAX4335EXT+T Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
More results

Similar Description - MAX4335

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com