Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TI.10.0112 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # TI.10.0112
Description  Low Profile and Robust Handling
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TI.10.0112 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  TI.10.0112 Datasheet HTML 1Page - Taoglas antenna solutions TI.10.0112 Datasheet HTML 2Page - Taoglas antenna solutions TI.10.0112 Datasheet HTML 3Page - Taoglas antenna solutions TI.10.0112 Datasheet HTML 4Page - Taoglas antenna solutions TI.10.0112 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPE-13-8-036/A/SS
Page 1 of 5
SPECIFICATION
Part No.
:
TI.10.0112
Product Name
:
433MHz ISM Band Terminal Antenna
Omni-directional, with a peak gain of 0dBi
Features
:
SMA(M)RA Plug Connector
Low Profile and Robust Handling
44.8mm Antenna Length
IP65
RoHS Compliant
Picture
:


Similar Part No. - TI.10.0112

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TI.10.0111 TAOGLAS-TI.10.0111 Datasheet
136Kb / 5P
   Low Profile and Robust Handling
TI.10.0111.HT TAOGLAS-TI.10.0111.HT Datasheet
178Kb / 5P
   rohs compliant
More results

Similar Description - TI.10.0112

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TI.10.0421 TAOGLAS-TI.10.0421 Datasheet
156Kb / 5P
   Low Profile and Robust Handling
TI.10.0111 TAOGLAS-TI.10.0111 Datasheet
136Kb / 5P
   Low Profile and Robust Handling
TI.08.A.0111 TAOGLAS-TI.08.A.0111 Datasheet
262Kb / 11P
   High radiation efficiency and robust handling
logo
Lumileds Lighting Compa...
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
   Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
   Assembly and Handling Information
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
   Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
   Assembly and handling information
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
   Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
   Assembly and Handling Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com