Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4036 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4036
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4036 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4036 Datasheet HTML 3Page - Maxim Integrated Products MAX4036 Datasheet HTML 4Page - Maxim Integrated Products MAX4036 Datasheet HTML 5Page - Maxim Integrated Products MAX4036 Datasheet HTML 6Page - Maxim Integrated Products MAX4036 Datasheet HTML 7Page - Maxim Integrated Products MAX4036 Datasheet HTML 8Page - Maxim Integrated Products MAX4036 Datasheet HTML 9Page - Maxim Integrated Products MAX4036 Datasheet HTML 10Page - Maxim Integrated Products MAX4036 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
________________________________________________________________________________________
7
OP AMP SOURCE CURRENT
vs. OUTPUT VOLTAGE
VOUT_ (V)
2.4
1.8
1.2
0.6
2
4
6
8
10
12
14
16
18
0
03.0
VDD = 3.0V
VDD = 1.8V
VID = +100mV
1000
0.1
10
1k
10k
OP AMP VOLTAGE NOISE DENSITY
vs. FREQUENCY
1
10
100
FREQUENCY (Hz)
100
OP AMP
SMALL-SIGNAL TRANSIENT RESPONSE
2.55V
2.45V
2.55V
2.45V
VIN+
VOUT_
AV = 1V/V
CL = 12pF TO VSS
RL = 1M
Ω TO VSS
OP AMP
SMALL-SIGNAL TRANSIENT RESPONSE
40
µs/div
AV = 1V/V
CL = 250pF TO VSS
RL = 1M
Ω TO VSS
VIN+
VOUT_
2.55V
2.45V
2.55V
2.45V
OP AMP
LARGE-SIGNAL TRANSIENT RESPONSE
100
µs/div
AV = 1V/V
CL = 12pF TO VSS
RL = 1M
Ω TO VSS
VIN+
VOUT_
500mV/div
2.5V
1.5V
OP AMP
TURN-ON TRANSIENT RESPONSE
100
µs/div
3.0V
0V
VOUT_
50mV/div
AV = 1V/V
CL = 12pF TO GND
RL = 1M
Ω TO GND
VIN+ = VDD / 2
VDD
Typical Operating Characteristics (continued)
(VDD = 3V, VSS = VCM = 0V, RL to VDD/2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4036AAXK+T MAXIM-MAX4036AAXK+T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4036EXK-T MAXIM-MAX4036EXK-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
More results

Similar Description - MAX4036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com