Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3272EGP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3272EGP
Description  3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3272EGP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3272EGP Datasheet HTML 6Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 7Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 8Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 9Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 10Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 11Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 12Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 13Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
+3.3V, 2.5Gbps Low-Power
Limiting Amplifiers
10
______________________________________________________________________________________
+3.3V
+3.3V
+3.3V
CAZ
CAZ1
OUTPOL
CAZ2
VCC
0.1
µF
0.1
µF
TH
SQUELCH
CCLOS
*THE MAX3202E PROVIDES ESD PROTECTION ON THE LOS PIN
CLOS
100
IN-
IN+
OUT+
SDI+
SDO+
VCC
SDO-
SCLKO-
SCLKO+
SDI-
GND
CDR
OUT-
MAX3271
MAX3272
MAX3873
LOS
GND
LOSS
OF
SIGNAL
LOS
RTH
LEVEL
+3.3V
VCC
I/01
GND
MAX3202E*
Typical Operating Circuit (continued)
Wire Bonding Die
For high-current density and reliable operation, the
MAX3272 uses gold metallization. Make connections to
the dice with gold wire only, and use ball-bonding tech-
niques (wedge bonding is not recommended). Die pad
dimensions are 94.4 microns by 94.4 microns. Die
thickness is 15 mils (0.375mm).


Similar Part No. - MAX3272EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272EGP MAXIM-MAX3272EGP Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
More results

Similar Description - MAX3272EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3273 MAXIM-MAX3273 Datasheet
984Kb / 15P
   3.3V, 2.5Gbps Low-Power Laser Driver
19-2081; Rev 1; 12/02
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com