Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4S10P-40MA5-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S10P-40MA5-Y
Description  STRAIGHT PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S10P-40MA5-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S10P-40MA5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S10P-40MA5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S10P-40MA5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
HSD
STRAIGHT PLUG FOR PCB
D4S10P-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Impedance, differential mode
100
Ω differential signalling, for one pair or quad cable shielded
Frequency
DC to 2.0 GHz
Return loss
≥ 20 dB to 1.0 GHz
≥ 17 dB to 2.0 GHz
Insertion loss
≤ 0.1 dB @ 1.0 GHz
Skew (between signal contacts)
≤ 5 psec.
Near end-Crosstalk
≤ 30 dB
Far end-Crosstalk
≤ 35 dB
Insulation resistance
≥ 1x103 MΩ
Signal contact resistance
≤ 10 mΩ
Outer contact resistance
≤ 7.5 mΩ
Test voltage
250 V rms
Working voltage
100 V rms
Power current
≤ 1.5 A DC
RF-leakage (shielding effectiveness)
≥ 75 dB up to 1 GHz (IEC 62153-4-7)
≥ 65 dB up to 2 GHz (IEC 62153-4-7)
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 30 N
Disengagement force
5 N
Retention force latch
≥ 110 N
Coding efficiency
≥ 80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Soldering profile
acc. to IEC 60068-2-58; Group 3&4
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
150 pcs in tape & reel
40 pcs in tray
Weight
3,3 g/pce


Similar Part No. - D4S10P-40MA5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S10A-400L5-A ROSENBERGER-D4S10A-400L5-A Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-B ROSENBERGER-D4S10A-400L5-B Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-C ROSENBERGER-D4S10A-400L5-C Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-D ROSENBERGER-D4S10A-400L5-D Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-E ROSENBERGER-D4S10A-400L5-E Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
More results

Similar Description - D4S10P-40MA5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S10A-40ML5 ROSENBERGER-D4S10A-40ML5 Datasheet
168Kb / 2P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-Y ROSENBERGER-D4S10A-400L5-Y Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S12H-40MA5-Y ROSENBERGER-D4S12H-40MA5-Y Datasheet
411Kb / 3P
   STRAIGHT PLUG FOR PCB
59S1AC-40MT5-Y ROSENBERGER-59S1AC-40MT5-Y Datasheet
718Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10V-40MA5-Y ROSENBERGER-D4S10V-40MA5-Y Datasheet
711Kb / 3P
   TWIN STRAIGHT PLUG FOR PCB
119S142-40ML5 ROSENBERGER-119S142-40ML5 Datasheet
123Kb / 2P
   STRAIGHT PLUG FOR PCB SMOOTH BORE
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
119S10B-40ML5 ROSENBERGER-119S10B-40ML5 Datasheet
150Kb / 2P
   STRAIGHT PLUG FOR PCB, LIMITED DETENT
119S104-40ML5 ROSENBERGER-119S104-40ML5 Datasheet
116Kb / 2P
   STRAIGHT PLUG FOR PCB LIMITED DETENT
119S14N-40ML5 ROSENBERGER-119S14N-40ML5 Datasheet
136Kb / 2P
   STRAIGHT PLUG FOR PCB SMOOTH BORE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com