Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8501D25R2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8501D25R2
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501D25R2 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8501D25R2 Datasheet HTML 1Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 2Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 3Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 4Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 5Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 6Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 7Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 8Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV8501 Series
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
VIN (dc)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
60
V
Operating Voltage
45
V
VOUT (dc)
16
V
Voltage Range (RESET, FLAG)
−0.3 to 10
V
Input Voltage Range (MON)
−0.3 to 10
V
Input Voltage Range (ENABLE)
−0.3 to 10**
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SO−8:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
Junction−to−Pin, RqJP (Note 1)
15
56
35
°C/W
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 2)
240 peak
260 Peak (Pb−Free)
(Note 3)
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
**Reference Figure 14 for switched−battery ENABLE application.
1. Measured to pin 16.
2. 150 second maximum above 183
°C, Pb−Free − 150 second maximum above 217°C.
3. −5
°C / +0°C allowable conditions, applies to both Pb and Pb−Free devices.


Similar Part No. - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501D25R2 ONSEMI-NCV8501D25R2 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
More results

Similar Description - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com