Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4K25A-1D5A5-Y Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4K25A-1D5A5-Y
Description  RIGHT ANGLE JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4K25A-1D5A5-Y Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4K25A-1D5A5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K25A-1D5A5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K25A-1D5A5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
RIGHT ANGLE JACK
D4K25A-1D5A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Coding
Part Number has to be accomplished by codification
Change history
Rev.
Date
Change
b00
09.02.16 Parts (picture):
-From ‘D4K20A-1D5/90A’ to ‘D4K20A-1D5/91A’
-From ‘D4K20A-1D5/30’ to ‘D4K20A-1D5/34’
-From ‘D4K101-1D5/40Z’ to ‘D4K101-1D5/41Z’
-From ‘D4K20A-1D5/40T’ to ‘D4K20A-1D5/41T’
Material and plating (update acc. to single part data sheets):
-Outer contact, plating: from ‘Nickel, 2.5-5µm’ to ‘Nickel, 3-6µm’
-Contact sleeve, plating: from ‘Nickel, 2.5-5µm’ to ‘Nickel, 3-6µm’
-Notation from ‘Crimping ferrule’ to ‘Crimping cover’
-Crimping cover, plating: from ‘Tin, 0.5-2µm’ to ‘Tin, 1-3µm’
-Crimping sleeve, plating: from ‘Tin, 0.5-2µm’ to ‘Tin, 1.5-4µm’
-Added part: ‘Insulating cap’ with ‘PP-GF30’ as material
-Updated RoHS description from ‘2002/95/EC (RoHS)’ to ‘RoHS’
-Packing Standard from ‘tbd pcs in box’ to ‘not packed’
-Updated Weight from ‘6.45 g/pce’ to ‘7.6 g/pce’
c00
08.07.16 Documents:
-Added ‘Assembly instruction’ with ‘MA_D4V038’
Coding
Jack
Colour
RAL
Part-Number
A
black
sim. 9005
D4K25A-1D5A5-A
B
white
sim. 9001
D4K25A-1D5A5-B
C
blue
sim. 5005
D4K25A-1D5A5-C
D
bordeaux
sim. 4004
D4K25A-1D5A5-D
E
green
sim. 6002
D4K25A-1D5A5-E
F
brown
sim. 8011
D4K25A-1D5A5-F
Z
waterblue
sim. 5021
D4K25A-1D5A5-Z
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
H. Mühlfellner
27.02.09
J. Schröck
12.07.16
c00
16-1159
M. Kolbe
12.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - D4K25A-1D5A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4K25L-1D5A5-A ROSENBERGER-D4K25L-1D5A5-A Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
D4K25L-1D5A5-B ROSENBERGER-D4K25L-1D5A5-B Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
D4K25L-1D5A5-C ROSENBERGER-D4K25L-1D5A5-C Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
D4K25L-1D5A5-D ROSENBERGER-D4K25L-1D5A5-D Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
D4K25L-1D5A5-E ROSENBERGER-D4K25L-1D5A5-E Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
More results

Similar Description - D4K25A-1D5A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
   RIGHT ANGLE JACK
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
   RIGHT ANGLE JACK
99K2LL-1D5A5-Y ROSENBERGER-99K2LL-1D5A5-Y Datasheet
262Kb / 3P
   RIGHT ANGLE JACK
E4K24R-1AKX5-Y ROSENBERGER-E4K24R-1AKX5-Y Datasheet
186Kb / 3P
   RIGHT ANGLE JACK
08K246-40ML3 ROSENBERGER-08K246-40ML3 Datasheet
573Kb / 2P
   Right Angle Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com