Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4504 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4504
Description  High CMR, High Speed Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4504 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4504 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
HCPL-4504
HCPL-0454
HCPL-J454
-55
100
°C
HCNW4504
-55
85
Average Forward Input Current
IF(AVG)
25
mA
1
Peak Forward Input Current
(50% duty cycle, 1 ms pulse width)
IF(PEAK)
HCPL-4504
HCPL-0454
50
mA
2
HCPL-J454
HCNW4504
40
Peak Transient Input Current
(≤1 µs pulse width, 300 pps)
IF(TRANS)
HCPL-4504
HCPL-0454
1
A
HCPL-J454
HCNW4504
0.1
Reverse LED Input Voltage (Pin 3-2)
VR
HCPL-4504
HCPL-0454
5
V
HCPL-J454
HCNW4504
3
Input Power Dissipation
PIN
HCPL-4504
HCPL-0454
45
mW
3
HCPL-J454
HCNW4504
40
Average Output Current (Pin 6)
IO(AVG)
8
mA
Peak Output Current
IO(PEAK)
16
mA
Supply Voltage (Pin 8-5)
VCC
-0.5
30
V
Output Voltage (Pin 6-5)
VO
-0.5
20
V
Output Power Dissipation
PO
100
mW
4
Lead Solder Temperature
(Through-Hole Parts Only)
1.6 mm below seating plane, 10 seconds
TLS
HCPL-4504
HCPL-J454
260
°C
Up to seating plane, 10 seconds
HCNW4504
260
Reflow Temperature Profile
TRP
HCPL-0454,
Option 300 ,
Option 500,
Option 400E
& Option 600E.
See Package Outline Drawings
section


Similar Part No. - HCPL-4504

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
HCPL-4504 HP-HCPL-4504 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

Similar Description - HCPL-4504

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com