Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99K20D-1D5A5-B Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 99K20D-1D5A5-B
Description  RIGHT ANGLE JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

99K20D-1D5A5-B Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  99K20D-1D5A5-B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99K20D-1D5A5-B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99K20D-1D5A5-B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD
®+2
RIGHT ANGLE JACK
99K20D-1D5A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
b
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
RN_066-01
Documents
Assembly instruction
HSD: MA_D4V009
Pinning instruction
RN 053-01
Test specification
RN 061-01
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Outer contact
Brass
Nickel, 3-6 µm
Contact sleeve
Spring bronze
Nickel, 3-6 µm
Dielectric
PA 12
Crimping ferrule
Spring bronze
Tin, 1.5-3 µm
Crimp cover
Spring bronze
Tin, 1.5-3 µm
Plastic housing
PBT
Secondary lock MQS
PBT


Similar Part No. - 99K20D-1D5A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99K20E-1D5A5-A ROSENBERGER-99K20E-1D5A5-A Datasheet
193Kb / 3P
   HSD RIGHT ANGLE JACK
99K20E-1D5A5-B ROSENBERGER-99K20E-1D5A5-B Datasheet
193Kb / 3P
   HSD RIGHT ANGLE JACK
99K20E-1D5A5-C ROSENBERGER-99K20E-1D5A5-C Datasheet
193Kb / 3P
   HSD RIGHT ANGLE JACK
99K20E-1D5A5-D ROSENBERGER-99K20E-1D5A5-D Datasheet
193Kb / 3P
   HSD RIGHT ANGLE JACK
99K20E-1D5A5-Y ROSENBERGER-99K20E-1D5A5-Y Datasheet
193Kb / 3P
   HSD RIGHT ANGLE JACK
More results

Similar Description - 99K20D-1D5A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-Y ROSENBERGER-D4K25A-1D5A5-Y Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
99K2LL-1D5A5-Y ROSENBERGER-99K2LL-1D5A5-Y Datasheet
262Kb / 3P
   RIGHT ANGLE JACK
E4K24R-1AKX5-Y ROSENBERGER-E4K24R-1AKX5-Y Datasheet
186Kb / 3P
   RIGHT ANGLE JACK
08K246-40ML3 ROSENBERGER-08K246-40ML3 Datasheet
573Kb / 2P
   Right Angle Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com