Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9801 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9801
Description  Digital Proximity and Analog Ambient Light Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9801 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9801 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9801 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
APDS–9801 Typical Application Circuit
R1
1 k
: 1/16W 5%
R2, R3, R4
10 k
: 5%
C1, C3
6.8
PF 10V
C2, C4
100 nF 10V
C5
10
PF 10V
C1
MCU
VBUS
VDD
C4
VLED
C2
C3
R1
R2
R3
R4
C5
APDS-9801
1-NC
2-VDD
3-GND
4-SCL
8-VLED
7  PS-INTR
6-IOUT
5-SDA
GPIO
ADC
SDA
SCL


Similar Part No. - APDS-9801

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9800-021 AVAGO-APDS-9800-021 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
More results

Similar Description - APDS-9801

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com