Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1280 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1280
Description  MAX1280 Evaluation System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1280 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1280 Datasheet HTML 1Page - Maxim Integrated Products MAX1280 Datasheet HTML 2Page - Maxim Integrated Products MAX1280 Datasheet HTML 3Page - Maxim Integrated Products MAX1280 Datasheet HTML 4Page - Maxim Integrated Products MAX1280 Datasheet HTML 5Page - Maxim Integrated Products MAX1280 Datasheet HTML 6Page - Maxim Integrated Products MAX1280 Datasheet HTML 7Page - Maxim Integrated Products MAX1280 Datasheet HTML 8Page - Maxim Integrated Products MAX1280 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel,
Serial 12-Bit ADCs with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1280
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fSCLK = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD_ to GND ............................................................ -0.3V to +6V
VDD1 to VDD2 ........................................................ -0.3V to +0.3V
CH0–CH7, COM to GND.......................... -0.3V to (VDD1 + 0.3V)
REF, REFADJ to GND .............................. -0.3V to (VDD1 + 0.3V)
Digital Inputs to GND .............................................. -0.3V to +6V
Digital Outputs to GND ............................ -0.3V to (VDD2 + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 7.0mW/°C above +70°C) .........559mW
Operating Temperature Ranges
MAX128_BCUP .................................................. 0°C to +70°C
MAX128_BEUP ............................................... -40°C to +85°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
SINAD > 68dB
-3dB point
fIN = 200kHz, VIN = 2.5Vp-p
fIN1 = 99kHz, fIN2 = 102kHz
No missing codes over temperature
Up to the 5th harmonic
CONDITIONS
MHz
0.5
6.4
fSCLK
Serial Clock Frequency
ps
<50
Aperture Jitter
ns
10
Aperture Delay
ns
468
tACQ
Track/Hold Acquisition Time
µs
2.5
tCONV
Conversion Time (Note 5)
kHz
350
Full-Linear Bandwidth
MHz
6
Full-Power Bandwidth
dB
-78
Channel-to-Channel Crosstalk
(Note 4)
dB
76
IMD
Intermodulation Distortion
dB
80
SFDR
Spurious-Free Dynamic Range
dB
-81
THD
Total Harmonic Distortion
Bits
12
Resolution
dB
70
SINAD
Signal-to-Noise plus Distortion
Ratio
LSB
±0.1
Channel-to-Channel Offset-Error
Matching
ppm/°C
±0.8
Gain-Error Temperature
Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±6.0
Offset Error
LSB
±6.0
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
%
40
60
Duty Cycle
DYNAMIC SPECIFICATIONS (100kHz sine-wave input, 2.5Vp-p, 400ksps, 6.4MHz clock, bipolar input mode)
DC ACCURACY (Note 1)
CONVERSION RATE
LSB
INL
Relative Accuracy (Note 2)
ELECTRICAL CHARACTERISTICS—MAX1280
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fSCLK = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP MAXIM-MAX1280BEUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BEUP++ MAXIM-MAX1280BEUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com