Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV932 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV932
Description  1.8V, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV932 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV932 Datasheet HTML 1Page - National Semiconductor (TI) LMV932 Datasheet HTML 2Page - National Semiconductor (TI) LMV932 Datasheet HTML 3Page - National Semiconductor (TI) LMV932 Datasheet HTML 4Page - National Semiconductor (TI) LMV932 Datasheet HTML 5Page - National Semiconductor (TI) LMV932 Datasheet HTML 6Page - National Semiconductor (TI) LMV932 Datasheet HTML 7Page - National Semiconductor (TI) LMV932 Datasheet HTML 8Page - National Semiconductor (TI) LMV932 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+–V )
5.5V
Output Short Circuit to V
+ (Note 3)
Output Short Circuit to V
− (Note 3)
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 4)
150˚C
Mounting Temp.
Infrared or Convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage Range
1.8V to 5.0V
Temperature Range
−40˚C to 125˚C
Thermal Resistance (
θ
JA)
SC70-5
414˚C/W
SOT23-5
265˚C/W
MSOP-8
235˚C/W
SOIC-8
175˚C/W
TSSOP-14
155˚C/W
SOIC-14
127˚C/W
1.8V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
LMV931 (Single)
1
4
6
mV
LMV932 (Dual)
LMV934 (Quad)
1
5.5
7.5
mV
TCV
OS
Input Offset Voltage Average
Drift
5.5
µV/˚C
I
B
Input Bias Current
15
35
50
nA
I
OS
Input Offset Current
13
25
40
nA
I
S
Supply Current (per channel)
103
185
205
µA
CMRR
Common Mode Rejection
Ratio
LMV931, 0
≤ V
CM
≤ 0.6V
1.4V
≤ V
CM
≤ 1.8V (Note 8)
60
55
78
dB
LMV932 and LMV934
0
≤ V
CM
≤ 0.6V
1.4V
≤ V
CM
≤ 1.8V (Note 8)
55
50
76
−0.2V
≤ V
CM
≤ 0V
1.8V
≤ V
CM
≤ 2.0V
50
72
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
75
70
100
dB
CMVR
Input Common-Mode Voltage
Range
For CMRR
Range
≥ 50dB
T
A = 25˚C
V
−0.2
−0.2 to 2.1
V
+ +0.2
V
T
A −40˚C to
85˚C
V
V
+
T
A = 125˚C
V
+0.2
V
+ −0.2
A
V
Large Signal Voltage Gain
LMV931 (Single)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
77
73
101
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
80
75
105
Large Signal Voltage Gain
LMV932 (Dual)
LMV934 (Quad)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
75
72
90
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
78
75
100
www.national.com
2


Similar Part No. - LMV932

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV932 ONSEMI-LMV932 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Texas Instruments
LMV932-N TI1-LMV932-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI1-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-Q1 TI1-LMV932-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com