Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99-C158-3000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-C158-3000
Description  Water Proof AISG to DB9 RET Control Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-C158-3000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-C158-3000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-C158-3000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Water Proof AISG to DB9
RET Control Cable
L99-C158-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Fax: +49 8684 18-499
www.rosenberger.de
email : info@rosenberger.de
Rosenberger (Shanghai) Technology Co., Ltd.
Tel.: +86 21 69214567
Fax: +86 21 69212923
www.rosenbergerap.com
email: info@rosenbergerap.com
Page
2 / 2
Part Numbers of Cables
Part Number
Length
L99-C158-1000
1 m
L99-C158-2000
2 m
L99-C158-3000
3 m
L99-C158-5000
5 m
L99-C158-10000
10 m
L99-C158-20000
20 m
L99-C158-30000
30 m
L99-C158-40000
40 m
L99-C158-50000
50 m
L99-C158-60000
60 m
L99-C158-70000
70 m
L99-C158-80000
80 m
L99-C158-90000
90 m
L99-C158-100000
100 m
Pin Assignments:
8-Pin AISG-K Female Connector
1. +12 V DC Nominal
2. Not Connected
3. RS485 B
4. RS485 GND
5. RS485 A
6. +24 V DC Nominal
7. DC Return
8. Not Connected
DB9 Male Connector
1.
+12 V DC Nominal
2.
Not Connected
3.
RS485 B
4.
RS485 GND
5.
RS485 A
6.
Not Connected
7.
Not Connected
8.
Not Connected
9.
DC Return
Draft
Date
Checker
Approved
Date
Rev.
Engineering Change Number
Name
Date
Hai Chen
05/08/14
J. Gramsamer
08/02/16
200
16-0005
Hai Chen
05/08/14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
Female
Male


Similar Part No. - L99-C158-3000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-C197-1000 ROSENBERGER-L99-C197-1000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
L99-C197-10000 ROSENBERGER-L99-C197-10000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
L99-C197-2000 ROSENBERGER-L99-C197-2000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
L99-C197-20000 ROSENBERGER-L99-C197-20000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
L99-C197-3000 ROSENBERGER-L99-C197-3000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
More results

Similar Description - L99-C158-3000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-C197-2000 ROSENBERGER-L99-C197-2000 Datasheet
182Kb / 2P
   RET Control Cable (Halogen Free)
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com