Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE05006NDFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S24SE05006NDFA
Description  30W Single/Dual Output DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05006NDFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S24SE05006NDFA Datasheet HTML 1Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 2Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 3Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05006NDFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
S24SE/S24DE series
30W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 30W_01052017
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P2
Output Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%Vo
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%Vo
Line Regulation
Single output
±0.1
±0.2
%Vo
Dual output
±0.1
±0.5
%Vo
Cross Regulation
Dual output, Asymmetrical Load
25%-100% Full Load
±2
±3
%Vo
Total Output Voltage Range
Over Load, Line and Temperature
---
---
±3
%Vo
Ripple & Noise
12V, 15V, ±12V, ±15V
---
50
---
mV P-P
Ripple & Noise
3.3V, 5.0V
50
---
mV P-P
Dynamic load response
50%-75% full load, 0.1A/uS
3
%Vo
Output Over Current Protection
Output Voltage 10% Low, Hiccup
110
160
%Io,max
Short Output Protection
Long Term, Auto-recovery
Output Over-Voltage Protection
Hiccup, Auto-recovery
115
150
%Vo
Output Trim Range
Single Output
-10
+10
%Vo
General Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
---
---
1600
VDC
I/O Isolation Resistance
10
---
---
M
Ω
I/O Isolation Capacitance
1100
pF
Switching Frequency
550
KHz
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature(9Vin/24Vin/36Vin)
---
95/105/105
Storage Temperature Range
-55
+125
Humidity (non condensing)
---
95
% rel. H
NTC Shutdown temperature
125
Cooling
Natural Convection


Similar Part No. - S24SE05006NDFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05006NDFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U Datasheet
220Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
   25~30W DC-DC Dual Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com