Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S1R860D Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # D12S1R860D
Description  Application Note for Power Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S1R860D Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  D12S1R860D Datasheet HTML 1Page - Delta Electronics, Inc. D12S1R860D Datasheet HTML 2Page - Delta Electronics, Inc. D12S1R860D Datasheet HTML 3Page - Delta Electronics, Inc. D12S1R860D Datasheet HTML 4Page - Delta Electronics, Inc. D12S1R860D Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Application note_08112016 Rev:01
E-mail:
dcdc@deltaww.com
Delta confidential
http://www.deltaww.com/dcdc
P2
provide higher output power. Also in some of Delta
’s Power Block design, mutiple power train
is integrated in one Power Block module, which can provides either an interleaved single
output, or independent multiple outputs with one Power Block.
For example, Delta
’s 45A Power Block D12S1R845D has two 22.5A independent
channels. If the customer needs two different output voltages, they can set one channel at
one output voltage and the other channel with a different output voltage, and both can output
22.5A current. In addition, customer can set the two channels interleave to obtain a total of
45A output current. By paralleling two 45 A Power Block modules, one can obtain up to 90A
output current. This flexibility makes it possible to obtain different output power with a single
Power Block module. Therefore the number of different POL design is reduced.
What benefits bring from Power Block?
 Higher efficiency and power density
 Full space for power train to get much higher efficiency.
 To use space vertically from system level (3 layers of PWB for POL).
 Easier thermal and EMI management for system board
 Self-contained thermal management.
 The EMI generator components are seperated from control circuit.
 Easier System design and qualification
 Reducing the number of different POL designs.
 Standard firmware inside controller on system board
 Standard layout for Power Block on system board.
 Slight modification on control circuit to satisfy different specifications.
 Lower cost
 PWB used for controller in POL was replaced by system board under Power
Block.
 Customer benefit more when they purchase controller themselves.


Similar Part No. - D12S1R860D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
D12S1R830D DELTA-D12S1R830D Datasheet
342Kb / 11P
   Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/30Aout
D12S1R830D DELTA-D12S1R830D Datasheet
500Kb / 11P
   No minimum load required
More results

Similar Description - D12S1R860D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com