Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06SB3 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 06SB3
Description  COMPACT IEC CONNECTOR FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06SB3 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  06SB3 Datasheet HTML 1Page - Delta Electronics, Inc. 06SB3 Datasheet HTML 2Page - Delta Electronics, Inc. 06SB3 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TYPE & RATED CURRENT
DELTA PART NO.
03NB3/SB3 04NB3/SB3 06NB3/SB3 10NB3/SB3 03NB4/SB4 04NB4/SB4 06NB4/SB4 10NB4/SB4
RATED
115VAC
3A
4A
6A
10A
3A
4A
6A
10A
CURRENT
250VAC
3A
4A
6A
6A
3A
4A
6A
6A
IEC CONNECTOR
FUSE
DOUBLE
DOUBLE
DOUBLE
DOUBLE
DOUBLE
DOUBLE
DOUBLE
DOUBLE
*DOUBLE POLE POWER SWITCH
ELECTRICAL SCHEMATIC
FIG.A
FIG.A
FIG.A
FIG.A
FIG.B
FIG.B
FIG.B
FIG.B
COMPONENTS
PART NO. Cx (uF) L (mH) Cy (pF)
R(
)
03NB3
03NB4
2.5
03NB3S
04NB3
04NB4
2.0
04NB3S
06NB3
06NB4
1.05
06NB3S
10NB3
10NB4
0.2
10NB3S
0.1
2200
1M
03SB3
2.5
03SB4
03SB3S
04SB3
2.0
04SB4
04SB3S
06SB3
1.05
06SB4
06SB3S
10SB3
0.2
10SB4
10SB3S
1. Power module incorporates an IEC connector, single or double-
fuse (IEC 5x20mm) holder, and double-pole power switch, plus
an EMI filter all-in-one easy-to-install unit.
2. All part numbers are UL, CSA and VDE approved.
3. With optional Y CAP. from 1000/3300pF.
4. Switch e
lectrical lifetime: 10,000 cycles.
Maximum inrush current: 50A
1. Maximum leakage current each
line-to-ground@115VAC 60Hz: 0.2mA
@250VAC 50Hz: 0.4mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
G
G
NB4,SB4
FIG. B
4
110V-120V
N
N
E
L
I
L
R
Cx
A
Cy
D
L
Cy
L
O
C
D
3
A
B
2
F
1
CUSTOMER
PRIMARIES
TRANSFORMER
110V-120V
NB3,SB3
FIG. A
FOR NB3S,SB3S
L
E
G
N
L
N
I
R
Cx
D
Cy
G
L
L
Cy
A
O
C
D
4
3
B
A
2
SW
F
1
110V-120V
CUSTOMER
TRANSFORMER
PRIMARIES
110V-120V
4-12
SERIES
COMPACT IEC CONNECTOR
FILTERS
SPECIFICATIONS
INTRODUCTIONS
ELECTRICAL SCHEMATIC
3S Single fuse
NB4,SB4 W/O switch
D
V
E


Similar Part No. - 06SB3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06SB3 DELTA-06SB3 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
06SB3 DELTA-06SB3 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
06SB3S DELTA-06SB3S Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
More results

Similar Description - 06SB3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
10SB3S DELTA-10SB3S Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
06AB2D DELTA-06AB2D Datasheet
62Kb / 1P
   COMPACT IEC CONNECTOR FILTERS
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GEEW3QM DELTA-06GEEW3QM Datasheet
452Kb / 2P
   IEC INLET FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
   IEC Inlet Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com