Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03SB3 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 03SB3
Description  COMPACT IEC CONNECTOR FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03SB3 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  03SB3 Datasheet HTML 1Page - Delta Electronics, Inc. 03SB3 Datasheet HTML 2Page - Delta Electronics, Inc. 03SB3 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-13
100K
10K
0 dB
1M
10M
20 dB
40 dB
60 dB
80 dB
04SB3
03SB3
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
0 dB
10K
100K
1M
10M
20 dB
40 dB
80 dB
60 dB
COMMON MODE
COMMON MODE
06SB3
10SB3
DIFF. MODE
DIFF. MODE
NB3
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
+0.008
NB3,3S
L According to Panel Thickness
0.8~2.0mm L=55.9
2.1~3.2mm L-56.2
110 - 120V
FUSE/EMPLOYER
DES FUSIBLES DE 250V
UNIQUEMENT AVEC
USE ONLY WITH 250V
1.102
1.26
28.0
32.0
1.118MAX.
28.4 MAX.
2.02
1.614
0.157
1.811
4.0
46.0
41.0
51.3
R0.079
1.122-0
+0.2
28.5-0
R2.0
INSERTION LOSS (TYPICAL)
MECHANICAL CONSTRUCTION
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
COMMON MODE (L- L) IN 50 OHM SYSTEM
03NB3/SB3
4
12
18
38
40
40
03NB4/SB4
4
12
18
38
40
40
03NB3S/SB3S
4
12
18
38
40
40
04NB3/SB3
3
10
15
30
35
35
04NB4/SB4
3
10
15
30
35
35
04NB3S/SB3S
3
10
15
30
35
35
06NB3/SB3
4
10
15
35
40
40
06NB4/SB4
4
10
15
35
40
40
06NB3S/SB3S
4
10
15
35
40
40
10NB3/SB3
5
12
15
30
30
40
10NB4/SB4
5
12
15
30
30
40
10NB3S/SB3S
5
12
15
30
30
40
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
COMMON MODE (L-G) IN 50 OHM SYSTEM
03NB3/SB3
20
25
30
38
40
40
03NB4/SB4
20
25
30
38
40
40
03NB3S/SB3S
20
25
30
38
40
40
04NB3/SB3
20
25
25
40
40
40
04NB4/SB4
20
25
25
40
40
40
04NB3S/SB3S
20
25
25
40
40
40
06NB3/SB3
12
18
24
35
40
40
06NB4/SB4
12
18
24
35
40
40
06NB3S/SB3S
12
18
24
35
40
40
10NB3/SB3
3
8
10
20
30
45
10NB4/SB4
3
8
10
20
30
45
10NB3S/SB3S
3
8
10
20
30
45
MINIMUM INSERTION LOSS IN dB
INCH
UNIT:
mm


Similar Part No. - 03SB3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03SB3 DELTA-03SB3 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
03SB3 DELTA-03SB3 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
03SB3M DELTA-03SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
03SB3M DELTA-03SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
03SB3S DELTA-03SB3S Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
More results

Similar Description - 03SB3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
10SB3S DELTA-10SB3S Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
06AB2D DELTA-06AB2D Datasheet
62Kb / 1P
   COMPACT IEC CONNECTOR FILTERS
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GEEW3QM DELTA-06GEEW3QM Datasheet
452Kb / 2P
   IEC INLET FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
   IEC INLET FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
   IEC Inlet Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com