Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W160ET90N6T Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29W160ET90N6T
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160ET90N6T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29W160ET90N6T Datasheet HTML 4Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 5Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 6Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 7Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 8Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 9Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 10Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 11Page - STMicroelectronics M29W160ET90N6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
M29W160ET, M29W160EB
8/40
Figure 5. Block Addresses (x8)
Note: Also see Appendix A, Tables 19 and 20 for a full listing of the Block Addresses.
AI06851
16 KByte
1FFFFFh
1FC000h
64 KByte
01FFFFh
010000h
64 KByte
00FFFFh
000000h
M29W160ET
Top Boot Block Addresses (x8)
32 KByte
1F7FFFh
1F0000h
64 KByte
1E0000h
1EFFFFh
Total of 31
64 KByte Blocks
16 KByte
1FFFFFh
1F0000h
64 KByte
64 KByte
003FFFh
000000h
M29W160EB
Bottom Boot Block Addresses (x8)
32 KByte
1EFFFFh
01FFFFh
64 KByte
1E0000h
010000h
Total of 31
64 KByte Blocks
00FFFFh
008000h
8 KByte
8 KByte
1FBFFFh
1FA000h
1F9FFFh
1F8000h
8 KByte
8 KByte
007FFFh
006000h
005FFFh
004000h


Similar Part No. - M29W160ET90N6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160ET90N6T NUMONYX-M29W160ET90N6T Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W160ET90N6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com