Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2316TM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2316TM
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2316TM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2316TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1.0 Functional Description (Continued)
1.3.2 LOCK DETECT OUTPUT CHARACTERISTICS
Output provided to indicate when the VCO frequency is in “lock.” When the loop is locked and the open drain lock detect mode
is selected, the pin’s output is HIGH, with narrow pulses LOW. When digital lock detect is selected, the output will be HIGH when
the absolute phase error is < 15 ns for three or five consecutive phase frequency detector reference cycles, depending on the
value of R[19]. Once lock is detected the output stays HIGH unless the absolute phase error exceeds 30 ns for a single reference
cycle. Setting the charge pump to TRI-STATE or power down (bits F2, F18) will reset the digital lock detect to the unlocked state.
The LD precision bit, R[19], will select five consecutive reference cycles, instead of three, for entering the locked state when R[19]
= HIGH.
1.3.3 LOCK DETECT FILTER CALCULATION
The component values for the open drain lock detect filter can be determined after assessing the qualifications for an in-lock con-
dition. The in-lock condition can be specified as being a particular number (N) of consecutive reference cycles or duration (D)
wherein the phase detector phase error is some factor less than the reference period. In an example where the phase detector
reference period is 10 kHz, one might select the threshold for in-lock as occurring when 5 consecutive phase comparisons have
elapsed where the phase errors are a 1000 times shorter than the reference period (100 ns). Here, N = 5 and F = 1000.
For the lock detect filter shown in
Figure 1, when used in conjunction with a open drain (active sink only) lock detect output, the
resistor value for R2 would be chosen to be a factor of F * R1. Thus, if resistor R1 were pulled low for only 1/1000th of the ref-
erence cycle period, its “effective” resistance would be on par with R2. The two resistors for that duty cycle condition on average
appear to be two 1000x R1 resistors connected across the supply voltage with their common node voltage (Vc) at V
CC/2. Phase
errors larger than 1/1000th of the reference cycle period would drag the average voltage of node Vc below V
CC/2 indicating an
out-of-lock status. If the time constant of R2 * C1 is now calculated to be N * the reference period (500 µs), then the voltage of
node Vc would fall below V
CC/2 only after 5 consecutive phase errors whose average pulse width was greater than 100 ns.
1.3.4 FastLock MODES
FastLock enables the designer to achieve both fast frequency transitions and good phase noise performance by dynamically
changing the PLL loop bandwidth. The FastLock modes allow wide band PLL fast locking with seemless transition to a low phase
noise narrow band PLL. Consistent gain and phase margins are maintained by simultaneously changing charge pump current
magnitude, counter values, and loop filter damping resistor. The four FastLock modes in
Table 5 are similar to the technique used
in National Semiconductor’s LMX 233X series Dual Phase Locked Loops and are selected by F9, F10, and N19 when F8 is HIGH.
Modes 1 and 2 change loop bandwidth by a factor of two while modes 3 and 4 change the loop bandwidth by a factor of 4. Modes
1 and 2 increase charge pump magnitude by a factor of 4 and should use R2’=R2 for consistent gain and phase margin. Modes
3 and 4 increase charge pump magnitude and decrease the counter values by a factor of 4. R2’ = 13 R2 should be used for con-
sistent stability margin in modes 3 and 4. When F8 is LOW, the FastLock modes are disabled, F9 controls only the FL
o output
level (FL
o = F9), and N19 determines the charge pump current magnitude (N19=LOW→ICPo = 250 µA, N19=HIGH→ICPo =
1 mA).
DS100127-13
FIGURE 1. Typical Lock Detect Circuit
www.national.com
11


Similar Part No. - LMX2316TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2316 NSC-LMX2316 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2316TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com