Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV824 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV824
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV824 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV824 Datasheet HTML 1Page - National Semiconductor (TI) LMV824 Datasheet HTML 2Page - National Semiconductor (TI) LMV824 Datasheet HTML 3Page - National Semiconductor (TI) LMV824 Datasheet HTML 4Page - National Semiconductor (TI) LMV824 Datasheet HTML 5Page - National Semiconductor (TI) LMV824 Datasheet HTML 6Page - National Semiconductor (TI) LMV824 Datasheet HTML 7Page - National Semiconductor (TI) LMV824 Datasheet HTML 8Page - National Semiconductor (TI) LMV824 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
O
Output Swing
V
+=2.7V, R
L= 600Ω to 1.35V
2.58
2.50
V
2.40
min
0.13
0.20
V
0.30
max
V
+=2.7V, R
L=2kΩ to 1.35V
2.66
2.60
V
2.50
min
0.08
0.120
V
0.200
max
I
O
Output Current
Sourcing, V
O=0V
16
12
mA
min
Sinking, V
O=2.7V
26
12
mA
min
I
S
Supply Current
LMV821 (Single)
0.22
0.3
mA
0.5
max
LMV822 (Dual)
0.45
0.6
mA
0.8
max
LMV824 (Quad)
0.72
1.0
mA
1.2
max
2.5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.5V, V = 0V, V
CM = 1.0V, VO = 1.25V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
OS
Input Offset Voltage
1
3.5
mV
4
max
V
O
Output Swing
V
+=2.5V, R
L= 600Ω to 1.25V
2.37
2.30
V
2.20
min
0.13
0.20
V
0.30
max
V
+=2.5V, R
L=2kΩ to 1.25V
2.46
2.40
V
2.30
min
0.08
0.12
V
0.20
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMV821/822/824 Limit
(Note 6)
Units
SR
Slew Rate
(Note 7)
1.5
V/µs
GBW
Gain-Bandwdth Product
5
MHz
Φ
m
Phase Margin
61
Deg.
G
m
Gain Margin
10
dB
Amp-to-Amp Isolation
(Note 8)
135
dB
e
n
Input-Related Voltage Noise
f = 1 kHz, V
CM =1V
28
www.national.com
4


Similar Part No. - LMV824

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV824 ONSEMI-LMV824 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Texas Instruments
LMV824 TI-LMV824 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV824 STMICROELECTRONICS-LMV824 Datasheet
663Kb / 32P
   Tiny packages
April 2017 Rev 4
logo
Texas Instruments
LMV824-N TI1-LMV824-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824-N TI-LMV824-N Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
OPA863 TI-OPA863_V07 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_11 Datasheet
613Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com