Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7908BD2T Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC7908BD2T
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7908BD2T Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC7908BD2T Datasheet HTML 4Page - Motorola, Inc MC7908BD2T Datasheet HTML 5Page - Motorola, Inc MC7908BD2T Datasheet HTML 6Page - Motorola, Inc MC7908BD2T Datasheet HTML 7Page - Motorola, Inc MC7908BD2T Datasheet HTML 8Page - Motorola, Inc MC7908BD2T Datasheet HTML 9Page - Motorola, Inc MC7908BD2T Datasheet HTML 10Page - Motorola, Inc MC7908BD2T Datasheet HTML 11Page - Motorola, Inc MC7908BD2T Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC7900
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Worst Case Power Dissipation as a
Function of Ambient Temperature
Figure 2. Peak Output Current as a Function
of Input–Output Differential Voltage
Figure 3. Ripple Rejection as a
Function of Frequency
Figure 4. Ripple Rejection as a Function
of Output Voltage
Figure 5. Output Voltage as a Function
of Junction Temperature
Figure 6. Quiescent Current as a
Function of Temperature
Infinite Heatsink
θHS = 5°C/W
θHS = 15°C/W
No Heatsink
θJC = 5° C/W
θJA = 65° C/W
PD(max) = 15W
Vin = –11 V
VO = – 6.0 V
IO = 20 mA
f = 120 Hz
IO = 20 mA
∆Vin = 1.0 V(RMS)
Vin = –11 V
VD = – 6.0 V
IO = 20 mA
Vin = –11 V
VO = – 6.0 V
IO = 20 mA
TJ = +25°C
20
10
5.0
4.0
3.0
2.0
1.0
0.5
0.4
0.3
0.2
0.1
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
80
70
60
50
40
6.26
6.22
6.18
6.14
6.10
6.06
5.2
5.0
4.8
4.6
4.4
4.2
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
0
3.0
6.0
9.0
12
15
18
21
24
27
30
|VI –VO| INPUT–OUTPUT VOLTAGE DIFFERENTIAL (V)
10
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
2.0
4.0
6.0
8.0
10
12
14
16
18
20
22
VO, OUTPUT VOLTAGE (V)
–25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
0


Similar Part No. - MC7908BD2T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC7908 FAIRCHILD-MC7908 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
MC7908ACT ONSEMI-MC7908ACT Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7908ACT ONSEMI-MC7908ACT Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7908ACT ONSEMI-MC7908ACT Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7908ACT ONSEMI-MC7908ACT Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
More results

Similar Description - MC7908BD2T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com