Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP33240 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP33240
Description  IR Receiver Modules for Remote Control Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP33240 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP33240 Datasheet HTML 1Page - Vishay Siliconix TSOP33240 Datasheet HTML 2Page - Vishay Siliconix TSOP33240 Datasheet HTML 3Page - Vishay Siliconix TSOP33240 Datasheet HTML 4Page - Vishay Siliconix TSOP33240 Datasheet HTML 5Page - Vishay Siliconix TSOP33240 Datasheet HTML 6Page - Vishay Siliconix TSOP33240 Datasheet HTML 7Page - Vishay Siliconix TSOP33240 Datasheet HTML 8Page - Vishay Siliconix TSOP33240 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TSOP332.., TSOP334..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 22-Jul-16
1
Document Number: 82663
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHNICAL DATA
Pinning for TSOP334..:
1 = OUT, 2 = GND, 3 = VS
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Compatible with wave or reflow soldering
(see “P” version of Minimold option datasheets)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
DESCRIPTION
The TSOP332.. and TSOP334.. series are miniaturized IR
receiver modules for infrared remote control systems. A PIN
diode and a preamplifier are assembled on lead frame, the
epoxy package contains an IR filter.
The demodulated output signal can be directly connected to
a microprocessor for decoding.
The TSOP334.. series devices are optimized to suppress
almost all spurious pulses from energy saving lamps like
CFLs. The AGC4 used in the TSOP334.. may suppress
some data signals. The TSOP332.. series are provided
primarily for compatibility with old AGC2 designs. New
designs should prefer the TSOP334.. series containing the
newer AGC4.
These components have not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
PARTS TABLE
AGC
LEGACY, FOR LONG BURSTS (AGC2)
FOR LONG BURSTS, VERY NOISY ENVIRONMENTS (AGC4)
Carrier
frequency
30 kHz
TSOP33230
TSOP33430
33 kHz
TSOP33233
TSOP33433
36 kHz
TSOP33236
TSOP33436 (1)(2)(3)
38 kHz
TSOP33238
TSOP33438 (4)(5)
40 kHz
TSOP33240
TSOP33440
56 kHz
TSOP33256
TSOP33456 (6)(7)
Package
Minimold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.4 W x 6.35 H x 4.9 D
Mounting
Leaded
Application
Remote control
Best remote control code
(1) RC-5 (2) RC-6 (3) Panasonic (4) NEC (5) Sharp (6) r-step (7) Thomson RCA
30 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-13
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSOP33240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP33240 VISHAY-TSOP33240 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
More results

Similar Description - TSOP33240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com