Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1037 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP1037
Description  Stepper Motor Driver IC equipped with Active Decay Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1037 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1037 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1037 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
[AP1037]
016016726-E-00
- 6 -
2017/01
7. Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Condition
Motor Power Supply Voltage
VM
-0.5
35
V
Digital Input/Output Terminal Voltage
(STEP, DIR, RESETB, MODE1,
MODE2, ENABLEB, SLEEPB, FS)
Vterm1
-0.5
5.5
V
VM Level Terminal Voltage
(OUT1A,OUT1B, OUT2A,OUT2B)
Vterm2
-0.5
VM
V
VG,CH Terminal Voltage
Vterm3
VM
-0.5
VM
+5.5
V
The Min value must not
exceed -0.5V.
VDC Terminal Voltage
VDC
-0.4
5.5
V
VREF Input Voltage
VREF
-0.5
VDC
V
CL Terminal Voltage
VCL
-0.5
VDC
V
IS1,IS2 Terminal Voltage
ISn
-0.5
1.5
V
Output Current
Iload
-
2.0
A
(Note 3,Note 4)
Power Dissipation
32QFN
PD1
-
3.9
W
Ta=25°C (Note 4, Note 5)
-
2.0
W
Ta=85°C (Note 4, Note 5)
24QFN
PD2
-
3.1
W
Ta=25°C (Note 4, Note 5)
-
1.6
W
Ta=85°C (Note 4, Note 5)
Junction Temperature
Tj
-
150
°C
Storage Temperature
Tstg
-40
150
°C
Note 2. All above voltages are with respect to GND. The each power supply of VC and VM is sequence-free.
Note 3. For Power Dissipation, the output current rating may be limited by duty cycle, Ta, and PCB board heat
sinking design.
Note 4. Exposed Pad must be connected to GND.
Note 5. A 4-layer JEDEC51 compliant board is used.
If the temperature exceeds 25°C, be sure to derate at Figure 2.
24-pin QFN: θJA =40°C /W
32-pin QFN: θJA =32°C /W
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
-30 -25
0
25
50
75 85
100
125
150
175
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Temperature (
°C)
32QFN
R
θJA=32°C/W at 4-layer PCB
24QFN
R
θJA=40°C/W at 4-layer PCB
Figure 2. Maximum Power Dissipation


Similar Part No. - AP1037

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1037AEN AKM-AP1037AEN Datasheet
1Mb / 24P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1037AER AKM-AP1037AER Datasheet
1Mb / 24P
   Stepper Motor Driver IC equipped with Active Decay Control
More results

Similar Description - AP1037

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1034 AKM-AP1034 Datasheet
1Mb / 25P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1035 AKM-AP1035 Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1035AEN AKM-AP1035AEN Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1037AER AKM-AP1037AER Datasheet
1Mb / 24P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1037AEN AKM-AP1037AEN Datasheet
1Mb / 24P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1034AER AKM-AP1034AER Datasheet
1Mb / 25P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1035AER AKM-AP1035AER Datasheet
1Mb / 26P
   Stepper Motor Driver IC equipped with Active Decay Control
AP1034AEN AKM-AP1034AEN Datasheet
1Mb / 25P
   Stepper Motor Driver IC equipped with Active Decay Control
logo
Shindengen Electric Mfg...
MTD1121FE SHINDENGEN-MTD1121FE Datasheet
84Kb / 5P
   Stepper Motor Driver IC
logo
Micro Analog systems
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com