Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1025BEN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP1025BEN
Description  45V Single Stepper Motor Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1025BEN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1025BEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 9Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 10Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 11Page - Asahi Kasei Microsystems AP1025BEN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
[AP1025BEN]
015000434-E-00
- 8 -
2015/01
10.
Functional Description
10.1 Input terminal and protection circuit
 Common description (Parallel input mode and Clock-in input mode)
Table 2. Internal circuit operation by the ENABLE(EN) signal
EN pin
UVLO
TSD
Reference Voltage Circuit
H-Bridge
H
L
L
ON
Output
H
ON
Hi-Z
H
-
OFF
Hi-Z
L
-
-
OFF
Hi-Z
Note 10. UVLO, TSD and Reference Voltage Circuit show internal status. “-“ is Don’t Care.
Table 3. Selection of the chopper frequency by the SYN signal
SYN pin
FS pin
OSC pin
PWM chopper frequency
L
L
Output
25kHz(typ)
H
50kHz(typ)
H
-
Input
External frequency
Note 11. Do not change input level of the SYN and FS pin during operation. “-“ is Don’t Care.
Table 4. Selection of the chopper frequency by the INSEL signal
INSEL
Input Mode
L
Parallel input mode.
H-Bridge is controlled by input logic.
Excitation mode : 2phase, 1-2phase(1/2step), W1-2phase(1/4step)
H
Clock-in input mode.
H-Bridge is controlled by the count number of the clock.
Excitation mode : 2phase, 1-2phase(1/2step), W1-2phase(1/4step), 4W1-2phase(1/16step)
Note 12. Do not change input level of the INSEL terminal during operation.


Similar Part No. - AP1025BEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1025 AKM-AP1025 Datasheet
910Kb / 21P
   45V Single Stepper Motor Driver IC
More results

Similar Description - AP1025BEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1025 AKM-AP1025 Datasheet
910Kb / 21P
   45V Single Stepper Motor Driver IC
logo
Shindengen Electric Mfg...
MTD1121FE SHINDENGEN-MTD1121FE Datasheet
84Kb / 5P
   Stepper Motor Driver IC
logo
Micro Analog systems
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
   Stepper Motor Driver IC
MAS6013 MAS-MAS6013 Datasheet
59Kb / 6P
   Stepper Motor Driver IC
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
logo
Texas Instruments
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com