Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5720 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK5720
Description  96kHz 24-Bit ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5720 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK5720 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
[AK5720]
MS1641-E-02
2014/12
- 5 -
5. Absolute Maximum Ratings
(VSS=0V; Note 1)
Parameter
Symbol
min
max
Unit
Power Supplies:
Analog
Digital
VA
VD
0.3
0.3
6.0
6.0
V
V
Input Current, Any Pin Except Supplies
IIN
-
10
mA
Analog Input Voltage (LIN, RIN pins)
VINA
0.3
VA+0.3
V
Digital Input Voltage
VIND
0.3
VD+0.3
V
Ambient Temperature
Ta
40
105
C
Storage Temperature
Tstg
65
150
C
Note 1. All voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes. The AK5720 will be damaged if a voltage higher
than 2.5V is input to the REGO pin.
6. Recommended Operating Conditions
(VSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Unit
Power Supplies
Analog (VA pin)
Digital (VD pin)
VA
VD
2.7
2.7
3 or 5
3 or 5
5.5
VA
V
V
Note 1. All voltages with respect to ground.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK5720

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5720VT HUAXINAN-AK5720VT Datasheet
1Mb / 25P
   ADC
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
More results

Similar Description - AK5720

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
   107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
logo
Asahi Kasei Microsystem...
AK5365 AKM-AK5365 Datasheet
286Kb / 41P
   24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com