Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5556 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK5556
Description  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5556 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK5556 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5556 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
[AK5556]
015099857-E-00
2016/03
- 5 -
Pin Functions
No.
Pin Name
I/O
Function
Power Down
Status
1
AVSS1
-
Analog Ground Pin(AIN1-4)
-
2
AVDD1
-
Analog Power Supply Pin(AIN1-4), 4.5-5.5 V
-
3
AIN3P
I
Channel 3 Positive Input Pin
-
4
AIN3N
I
Channel 3 Negative Input Pin
-
5
VREFL2
I
ADC Low Level Voltage Reference Input Pin
-
6
VREFH2
I
ADC High Level Voltage Reference Input Pin
-
7
AIN4N
I
Channel 4 Negative Input Pin
-
8
AIN4P
I
Channel 4 Positive Input Pin
-
9
AIN5P
I
Channel 5 Positive Input Pin
-
10 AIN5N
I
Channel 5 Negative Input Pin
-
11 VREFH3
I
ADC High Level Voltage Reference Input Pin
-
12 VREFL3
I
ADC Low Level Voltage Reference Input Pin
-
13 AIN6N
I
Channel 6 Negative Input Pin
-
14 AIN6P
I
Channel 6 Positive Input Pin
-
15 AVDD2
-
Analog Power Supply Pin(AIN5-6), 4.5-5.5 V
-
16 AVSS2
-
Analog Ground Pin(AIN5-6)
-
17 TESTIN1
I
Test Input Pin1
-
18 TESTIN2
I
Test Input Pin2
-
19 TESTIN3
I
Test Input Pin3
-
20 TESTIN4
I
Test Input Pin4
-
21 TESTIN5
I
Test Input Pin5
-
22 TESTIN6
I
Test Input Pin6
-
23 TEST
I
TEST Enable Pin. This pin is pull down by 100k
Ω internally
-
24 MCLK
I
Master Clock Input Pin
-
25 TVDD
-
Digital I/O Buffers and LDO Power Supply Pin
1.7-1.98 V (LDOE pin=
“L”) or 3.0-3.6 V (LDOE pin= “H”).
-
26 DVSS
-
Digital Ground Pin
-
27 VDD18
I
Digital Core Power Supply Pin, 1.7-1.98 V (LDOE pin=
“L”)
-
O LDO Stabilization Capacitor Connect Pin. (LDOE pin=
“H”)
Hi-z & Pull
Down with
500
28 PDN
I
Reset & Power Down Pin
“L”: Reset & Power down, “H” : Normal operation
-
29 PW0
I
Power Management Pin, Channel Summation select Pin
-
30 PW1
I
Power Management Pin, Channel Summation select Pin
-
31 PW2
I
Power Management Pin, Channel Summation select Pin
-
32 MSN
I
Master/Slave Select Pin
“L”: Slave Mode, “H” : Master Mode
-
33
BICK
I
Audio Serial Data Clock Input Pin in PCM & Slave Mode.
This pin is pulled down by 100 k
Ω internally
-
O
Audio Serial Data Clock Output Pin in PCM & Master Mode
This pin is pulled down by 100 k
Ω internally
Hi-z
DCLK
O
DSD Clock Output Pin in DSD Mode
This pin is pulled down by 100 k
Ω internally
Hi-z
34
LRCK
I
Channel Clock Input Pin in PCM & Slave Mode
This pin is pulled down by 100 k
Ω internally
-
O
Channel Clock Output Pin in PCM & Master Mode
This pin is pulled down by 100 k
Ω internally
Hi-z
DSDOL1
O
Audio Serial Data Output Pin for AIN1 in DSD Mode
This pin is pulled down by 100 k
Ω internally
Hi-z


Similar Part No. - AK5556

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
More results

Similar Description - AK5556

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com