Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94050 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94050
Description  4-Terminal TinyFET??P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94050 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94050 Datasheet HTML 1Page - Micrel Semiconductor MIC94050 Datasheet HTML 2Page - Micrel Semiconductor MIC94050 Datasheet HTML 3Page - Micrel Semiconductor MIC94050 Datasheet HTML 4Page - Micrel Semiconductor MIC94050 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIC94050/94051
Micrel
MIC94050/94051
2
July 2002
Electrical Characteristics (Note 1)
Symbol
Parameter
Condition (Note 1)
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = –250µA
0.5
1.2
V
I
GSS
Gate-Body Leakage
V
DS = 0V, VGS = –4.5V, Note 2, Note 3
1
µA
R
GS
Gate-Source Resistance
V
DS = 0V, VGS = –4.5V, Note 2, Note 4
200
350
500
k
C
ISS
Input Capacitance
V
GS = 0V, VDS = –5.5V
600
pF
I
DSS
Zero Gate Voltage Drain Current
V
DS = –5.5V, VGS = 0V
1
µA
V
DS = –5.5V, VGS = 0V, TJ = 85°C5
µA
R
DS(ON)
Drain-Source On-Resistance
V
GS = –4.5V, ID = –100mA
0.125
0.160
V
GS = –3.6V, ID = –100mA
0.135
0.180
V
GS = –2.5V, ID = –100mA
0.165
0.200
V
GS = –1.8V, ID = –100mA
0.225
0.280
g
FS
Forward Transconductance
V
DS = –5.5V, ID = –200mA, Note 5
3S
Note 1.
T
A = 25°C unless noted. Substrate connected to source for all conditions.
Note 2.
ESD gate protection diode conducts during positive gate-to-source voltage excursions. IC devices are inherently ESD sensitive. Handling
precautions required
Note 3.
MIC94050 only.
Note 4.
MIC94051 only.
Note 5.
Pulse Test: Pulse Width
≤ 80µs, Duty Cycle ≤ 0.5%.
Absolute Maximum Ratings
Drain-to-Source Voltage ................................................ –6V
Gate-to-Source Voltage ................................................ –6V
Continuous Drain Current
T
A = 25°C (VGS = 4.5V) ............................................ 1.8A
T
A = 100°C (VGS = 4.5V) .......................................... 1.2A
Total Power Dissipation
T
A = 25°C ............................................................ 568mW
T
A = 100°C .......................................................... 227mW
Operating Junction Temperature ............. –40
°C to +150°C
Storage Temperature ............................... –55
°C to +150°C
ESD Rating, Note 2
Operating Ratings
Thermal Resistance
θ
JA ...................................................................................... 220°C/W
θ
JC ..................................................................................... 130°C/W


Similar Part No. - MIC94050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050 MICREL-MIC94050 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
MIC94050BM4 MICREL-MIC94050BM4 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050BM4 MICREL-MIC94050BM4 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
MIC94050YM4 MICREL-MIC94050YM4 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
More results

Similar Description - MIC94050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94030 MICREL-MIC94030_11 Datasheet
150Kb / 6P
   TinyFET P-Channel MOSFET
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
MIC94050 MICREL-MIC94050_06 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com