Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB9319 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPB9319
Description  Dual-Channel Switch LNA Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB9319 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPB9319 Datasheet HTML 1Page - TriQuint Semiconductor QPB9319 Datasheet HTML 2Page - TriQuint Semiconductor QPB9319 Datasheet HTML 3Page - TriQuint Semiconductor QPB9319 Datasheet HTML 4Page - TriQuint Semiconductor QPB9319 Datasheet HTML 5Page - TriQuint Semiconductor QPB9319 Datasheet HTML 6Page - TriQuint Semiconductor QPB9319 Datasheet HTML 7Page - TriQuint Semiconductor QPB9319 Datasheet HTML 8Page - TriQuint Semiconductor QPB9319 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QPB9319
Dual-Channel Switch LNA Module
Data Sheet, March 25, 2017 | Subject to change without notice
1 of 11
www.qorvo.com
®
44 Pin 7
 mm x 7 mm leadless SMT Package
Applications
 Wireless Infrastructure
 Small cell BTS
 Pre-5G / 5G Massive MIMO systems
 TDD-based architectures
Ordering Information
Part No.
Description
QPB9319TR13
2500 pcs on a 13” reel
Product Overview
The QPB9319 is a highly integrated front-end module
targeted for TDD base stations. The switch LNA module
integrates a two-stage LNA and a high power switch in a
dual channel configuration. The second stage LNA is
capable of going into a bypass mode. Power down and
bypass capability for the LNAs can be controlled with
control pins on the module.
The QPB9319 can be utilized across the
1.8 – 4.2 GHz
range to provide 1.45
 dB noise figure for operation in the
receive mode and 0.7
 dB insertion loss in the transmit mode
at 2.7GHz
. The LNAs utilize Qorvo’s high performance E-
pHEMT process while the SOI technology based switch
supports input RF power signals of up to 5W average power
assuming 8
 dB PAR. The product only needs a +5V supply
to operate the high power switch and the LNAs.
The QPB9319 is packaged in a RoHS-compliant, compact
7 mm x 7 mm surface-mount leadless package. The switch
LNA
module
is
targeted
for
wireless
infrastructure
applications
configured
for
TDD-based
MIMO
architectures. The module can be used for next generation
5G or pre-5G solutions or small cell base-station
applications.
Functional Block Diagram
Top View
Key Features
 1.8-4.2 GHz Frequency Range
 Dual Channel
 Second LNA has bypass mode
 Max RF Input power: 5W Pavg (8 dB PAR), TX mode
 37.7 dB Gain (Rx mode, High Gain state)
 19.1 dB Gain (RX mode, Low Gain state)
 +33.7 dBm OIP3 (Rx mode, High gain state)
 +31.2 dBm OIP3 (Rx mode, Low Gain state)
 1.8V TTL logic compatibility
 3-5V operation for switch and LNAs
 Compact package size, 7x7 mm
4
2
3
1
8
6
7
5
30
32
31
33
26
28
27
29
GND
AMP2VDD_M
RXOUT_M
GND
BP_M
SW_VDD
BP_D
GND
AMP2VDD_D
RXOUT_D
GND
9
10
11
25
24
23
GND
ANT_M
GND
VCT_M
GND
GND
GND
VCT_D
GND
ANT_D
GND


Similar Part No. - QPB9319

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9319EVB-01 QORVO-QPB9319EVB-01 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9319SR QORVO-QPB9319SR Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9319TR13 QORVO-QPB9319TR13 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
More results

Similar Description - QPB9319

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
   Dual-Channel Switch LNA Module
June 27, 2019
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
   Dual-Channel Switch LNA Module
August 10, 2017
logo
TriQuint Semiconductor
QPB9324 TRIQUINT-QPB9324 Datasheet
608Kb / 8P
   High Power Switch LNA Module
logo
M/A-COM Technology Solu...
MAIA-011002 MA-COM-MAIA-011002 Datasheet
1Mb / 14P
   High Power Switch - LNA Module
logo
Qorvo, Inc
QPC9314 QORVO-QPC9314 Datasheet
1Mb / 11P
   High Power Switch LNA Module
QPB9325 QORVO-QPB9325 Datasheet
2Mb / 16P
   High Power Switch LNA Module
QPB9324 QORVO-QPB9324 Datasheet
1Mb / 12P
   High Power Switch LNA Module
logo
RF Micro Devices
RF5521 RFMD-RF5521 Datasheet
955Kb / 10P
   3.3V, SWITCH AND LNA FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com