Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA5368 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # QPA5368
Description  CATV Return Path MCM 300MHz 35dB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA5368 Datasheet(HTML) 9 Page - TriQuint Semiconductor

  QPA5368 Datasheet HTML 1Page - TriQuint Semiconductor QPA5368 Datasheet HTML 2Page - TriQuint Semiconductor QPA5368 Datasheet HTML 3Page - TriQuint Semiconductor QPA5368 Datasheet HTML 4Page - TriQuint Semiconductor QPA5368 Datasheet HTML 5Page - TriQuint Semiconductor QPA5368 Datasheet HTML 6Page - TriQuint Semiconductor QPA5368 Datasheet HTML 7Page - TriQuint Semiconductor QPA5368 Datasheet HTML 8Page - TriQuint Semiconductor QPA5368 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
QPA5368
Data Sheet Rev.C, October 28, 2016 | Subject to change without notice
9 of 9
www.qorvo.com
®
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1B
ANSI/ESD/JEDEC JS-001-2012
ESD – Charged Device Model (CDM) Class C3
JEDEC JESD22-C101F
MSL – Moisture Sensitivity Level
Level 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260°C max. reflow temp.) and tin/lead (245°C max. reflow temp.) soldering processes.
Solder profiles available upon request.
Contact plating: NiPdAu
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
• Halogen Free (Chlorine, Bromine)
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.


Similar Part No. - QPA5368

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
QPA5368PCBA-410 QORVO-QPA5368PCBA-410 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
QPA5368SB QORVO-QPA5368SB Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
QPA5368SQ QORVO-QPA5368SQ Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
QPA5368SR QORVO-QPA5368SR Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
More results

Similar Description - QPA5368

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
JDS Uniphase Corporatio...
EPM705250NC0 JDSU-EPM705250NC0 Datasheet
268Kb / 6P
   Forward and Return Path Analog CATV Detector Modules
logo
Qorvo, Inc
R2005350L QORVO-R2005350L Datasheet
196Kb / 5P
   CATV Reverse Hybrid 200MHz 35dB
RFRP3120 QORVO-RFRP3120 Datasheet
199Kb / 3P
   5MHz to 300MHz 35dB Reverse Hybrid (Low Current)
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com