Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302PV16V Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC68302PV16V
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302PV16V Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC68302PV16V Datasheet HTML 3Page - Motorola, Inc MC68302PV16V Datasheet HTML 4Page - Motorola, Inc MC68302PV16V Datasheet HTML 5Page - Motorola, Inc MC68302PV16V Datasheet HTML 6Page - Motorola, Inc MC68302PV16V Datasheet HTML 7Page - Motorola, Inc MC68302PV16V Datasheet HTML 8Page - Motorola, Inc MC68302PV16V Datasheet HTML 9Page - Motorola, Inc MC68302PV16V Datasheet HTML 10Page - Motorola, Inc MC68302PV16V Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 480 page
background image
Table of Contents
Paragraph
Title
Page
Number
Number
MOTOROLA
MC68302 USER’S MANUAL
vii
3.5.3.1
Software Watchdog Timer Operation .................................................... 3-41
3.5.3.2
Software Watchdog Reference Register (WRR) ................................... 3-41
3.5.3.3
Software Watchdog Counter (WCN) ..................................................... 3-42
3.6
External Chip-Select Signals and Wait-State Logic .............................. 3-42
3.6.1
Chip-Select Logic Key Features............................................................ 3-45
3.6.2
Chip-Select Registers............................................................................ 3-45
3.6.2.1
Base Register (BR3–BR0) .................................................................... 3-45
3.6.2.2
Option Registers (OR3–OR0) ............................................................... 3-47
3.6.3
Chip Select Example ............................................................................. 3-48
3.7
On-Chip Clock Generator...................................................................... 3-49
3.8
System Control...................................................................................... 3-50
3.8.1
System Control Register (SCR) ............................................................ 3-50
3.8.2
System Status Bits ................................................................................ 3-51
3.8.3
System Control Bits............................................................................... 3-52
3.8.4
Disable CPU Logic (M68000)................................................................ 3-54
3.8.5
Bus Arbitration Logic ............................................................................. 3-56
3.8.5.1
Internal Bus Arbitration.......................................................................... 3-56
3.8.5.2
External Bus Arbitration......................................................................... 3-58
3.8.6
Hardware Watchdog.............................................................................. 3-59
3.8.7
Reducing Power Consumption.............................................................. 3-60
3.8.7.1
Power-Saving Tips ................................................................................ 3-60
3.8.7.2
Low-Power (Standby) Modes ................................................................ 3-60
3.8.7.2.1
Low-Power Mode .................................................................................. 3-61
3.8.7.2.2
Lowest Power Mode.............................................................................. 3-62
3.8.7.2.3
Lowest Power Mode with External Clock .............................................. 3-62
3.9
Clock Control Register .......................................................................... 3-64
3.9.1
Freeze Control....................................................................................... 3-65
3.10
Dynamic Ram Refresh Controller.......................................................... 3-66
3.10.1
Hardware Setup .................................................................................... 3-66
3.10.2
DRAM Refresh Controller Bus Timing................................................... 3-67
3.10.3
Refresh Request Calculations............................................................... 3-67
3.10.4
Initialization............................................................................................ 3-68
3.10.5
DRAM Refresh Memory Map ................................................................ 3-68
3.10.6
Programming Example.......................................................................... 3-69
Section 4
Communications Processor (CP)
4.1
Main Controller ........................................................................................ 4-1
4.2
SDMA Channels...................................................................................... 4-3
4.3
Command Set ......................................................................................... 4-5
4.3.1
Command Execution Latency ................................................................. 4-7
4.4
Serial Channels Physical Interface.......................................................... 4-7
4.4.1
IDL Interface.......................................................................................... 4-11
4.4.2
GCI Interface ......................................................................................... 4-14
4.4.3
PCM Highway Mode.............................................................................. 4-16
4.4.4
Nonmultiplexed Serial Interface (NMSI) ................................................ 4-19


Similar Part No. - MC68302PV16V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302PV16V MOTOROLA-MC68302PV16V Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302PV16V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com