Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-Y802 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-Y802
Description  The junction temperature of the device determines
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Y802 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-Y802 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y802 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y802 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved.
AV02-0935EN - December 28, 2007
Table 3. Environmental Tests
Test Name
Test Conditions
Units Tested
Units Failed
Temperature Cycle
-55°C/+100°C, 15 mins dwell,
5 mins transfer, 100 cycles
918
0
Low Temperature Operating Life
-40°C, 20mA, 1000hrs
84
0
High Humidity and High
Temperature Operating Life
85°C/85%RH, 15mA, 1000hrs
84
0
High Humidity and High
Temperature Reverse Bias
85°C/85%RH, 5VRB, 500hrs
84
0
High Humidity and High
Temperature Storage Life
85°C/85%RH, 1000hrs
84
0
High Temperature Storage Life
100°C, 1000hrs
84
0
Low Temperature Storage Life
-55°C, 1000hrs
84
0
Table 4. Other Tests
Test Name
Test Conditions
Units Tested
Units Failed
Solder Heat resistance
260°C for 5 secs
66
0
Solderability
8 hrs steam age,
Solder dip at 245+/- 5°C, 5 secs
30
0


Similar Part No. - HLMP-Y802

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-Y802-F00XX BOARDCOM-HLMP-Y802-F00XX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
More results

Similar Description - HLMP-Y802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
   The diagnostic feedback of the whole device
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
   Double the drive of the standard 97U877 device
logo
Silicon Laboratories
SI7060 SILABS-SI7060 Datasheet
973Kb / 17P
   The Si7060 family of I2C temperature sensors measure and digitize the local temperature at the device. 4 modes of operation are possible:
Rev. 0.1
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CS-12LB RENESAS-BCR12CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com