Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFCX1A470R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFCX1A470R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCX1A470R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFCX1A470R Datasheet HTML 1Page - Panasonic Semiconductor EEFCX1A470R Datasheet HTML 2Page - Panasonic Semiconductor EEFCX1A470R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
W1
L
P
P
+
Cap.
Polarity bar (Positive)
R.V. code
Lot No.
High voltage (35 V.DC max.)
Low profile (Height 1.0 mm max.)
High ripple current (5600 mAr.m.s. max.)
RoHS compliance, Halogen free
Surface Mount Type
Series : CS, CT, CX
Features
Marking
Dimensions (not to scale)
Unit : mm
Series
CS
CT
CX
Category temp. range
–55 °C to +105 °C
Rated voltage range
4 V.DC to 35 V.DC
2 V.DC to 35 V.DC
Nominal cap.range
10 μF to 120 μF
15 μF to 180 μF
15 μF to 560 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
DC leakage current
I
< 0.1 CV (μA) [2 V.DC to 6.3 V.DC, 2 minutes], I < 0.3 CV (μA) [10 V.DC to 35 V.DC, 2 minutes]
Dissipation factor (tan
d)
< 0.06 (120 Hz / + 20 °C)
Surge voltage (V.DC)
Rated voltage
× 1.25 [2 V.DC to 16 V.DC], × 1.15 [20 V.DC to 35 V.DC] (15 °C to 35 °C)
Endurance
+105 °C, 2000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 2 times of the initial limit
DC leakage current
2 V.DC to 6.3 V DC :
< 3 times of the initial limit
10 V.DC to 35 V.DC : Within the initial limit
Damp heat
(Steady state)
+60 °C, 90 %, 500 h, No-applied voltage
Capacitance change
of initial measurd value
2 V.DC to 2.5 V.DC
4 V.DC, 10 V.DC to 35 V.DC
6.3 V.DC
+70 %, –20 %
+60 %, –20 %
+50 %, –20 %
tan
d
< 2 times of the initial limit
DC leakage current
2 V.DC to 6.3 V.DC : Within the initial limit
10 V.DC to 35V DC :
< 3 times of the initial limit
Series
L±0.2 W1±0.2 W2±0.1 H±0.1
P±0.3
CS
7.3
4.3
2.4
1.1
1.3
CT
7.3
4.3
2.4
1.4
1.3
CX
7.3
4.3
2.4
1.9
1.3
✽ Externals of figure are the reference.
Rated voltage mark
d
2 V.DC
e
2.5 V.DC
g
4 V.DC
j
6.3 V.DC
A
10 V.DC
C
16 V.DC
D
20 V.DC
E
25 V.DC
V
35 V.DC
Specifications
Nov. 2015
07


Similar Part No. - EEFCX1A470R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCX1A470R PANASONIC-EEFCX1A470R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors
EEFCX1A470R PANASONIC-EEFCX1A470R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFCX1A470R PANASONIC-EEFCX1A470R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - EEFCX1A470R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
   Conductive Polymer Aluminum Electrolytic Capacitors
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
EEFCS0G121R PANASONIC-EEFCS0G121R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFHX0D471R PANASONIC-EEFHX0D471R Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFSR0D221R PANASONIC-EEFSR0D221R Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
KX_SERIES PANASONIC-KX_SERIES Datasheet
644Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com