Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q152-G00xx Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # Q152-G00xx
Description  Ideal for space limited applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q152-G00xx Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  Q152-G00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5989-1711EN
AV02-3610EN - June 12, 2012
Intensity Bin Limits
Bin
Min.
Max.
E
0.63
1.25
F
1.00
2.00
G
1.60
3.20
H
2.50
5.00
J
4.00
8.00
K
6.30
12.50
L
10.00
20.00
M
16.00
32.00
N
25.00
50.00
P
40.00
80.00
Q
63.00
125.00
R
100.00
200.00
S
160.00
320.00
T
250.00
500.00
U
400.00
800.00
V
630.00
1250.00
W
1000.00
2000.00
X
1600.00
3200.00
Y
2500.00
5000.00
Color Bin Limits
Package
Bin
Min.
Max.
Red
0
Full Distribution
Mechanical Option
00
Straight Leads, Bulk Packaging, Quantity of 500 Parts
11
Gull Wing Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
12
Gull Wing Lead, Bulk Packaging, Quantity of 500 Parts
14
Gull Wing Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
21
Yoke Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
22
Yoke Leads, Bulk Packaging, Quantity of 500 Parts
24
Yoke Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
31
Z-Bend Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
32
Z-Bend Leads, Bulk Packaging, Quantity of 500 Parts
34
Z-Bend Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
Note:
All Categories are established for classification of products. Products may not be available in all
categories. Please contact your local Avago representative for further clarification/information.


Similar Part No. - Q152-G00xx

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q15 XPPOWER-Q15 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q15-5 POWERBOX-Q15-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q15.0-MQ1-10-10 JAUCH-Q15.0-MQ1-10-10 Datasheet
96Kb / 2P
   Quartz Crystal
Q15.0-MQ1-10-100 JAUCH-Q15.0-MQ1-10-100 Datasheet
96Kb / 2P
   Quartz Crystal
Q15.0-MQ1-10-3 JAUCH-Q15.0-MQ1-10-3 Datasheet
96Kb / 2P
   Quartz Crystal
More results

Similar Description - Q152-G00xx

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com